Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-24DC/21AU Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RSP-24DC/21AU
Description  Universal PLC Interface with PDT Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-24DC/21AU Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RSP-24DC/21AU Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
A2
A1
11
14
12
The PLC-R...21 relay series, that can be used
universally, consisting of 6.2 mm base terminal blocks
and pluggable miniature relays with PDT contact, has
now been included in the range with spring cage
connections. The wiring, diagonally from above, is
particularly convenient during assembly. The cost-
intensive wiring is reduced yet again when the plug-in
bridges are implemented. A side-effect is a cut in the
likelihood of faulty wiring and time-consuming trouble-
shooting.
PDT = great flexibility
The universal PDT series, PLC-RSP...21, is used
whenever an application demands great flexibility. It can
be used
– as an input or output interface or
– in N/C, N/O or PDT applications.
Advantage: fewer ordering and warehousing items. In
the standard version, the PLC interfaces are supplied
equipped complete with relay (or miniature optical
coupler with electronic N/O function).
Input voltages of 12V to 230V
PLC-RSP...21 on the coil side is, like the proven
screw clamp versions, available in all conventional
industrial voltages from 12 V to 230 V. A further
advantage is the ready-integrated input circuit. It
consists of a status display, damping function, and
polarity reversal protection function, and guarantees a
clear display of the operational status, EMC interference
suppression of the coil, and prevents destruction of the
same, should the polarity be accidentally reversed.
Robust miniature relay
The heart of the PDT relay series is a robust
miniature relay from the latest generation, equipped
with features that you will search for in vain in most
standard pluggable relays:
– Operational safety with IP67-protected mechanics,
– Environmentally friendly, cadmium-free power contact
material for loads up to 250 V AC/6 A,
– As an alternative with a gold layer for smaller
capacities (mA),
– Reliable isolation in acc. with DIN VDE 0106-101,
– 4kVrms potential separation between coil and contact.
The relay is securely fastened using an engagement
lever. Should it become worn, it can be disengaged, and
– without disconnecting the wiring – replaced quickly
and economically.
Plug-in bridges save wiring
A big plus for cunning wiring professionals is the
convenient plug-in bridge system FBST. Whether there
is an A1/A2 ground on the coil side, or group feed-in at
PHOENIX CONTACT page 1 of 14
Universal PLC Interface with PDT Relay
– now also with spring cage connection system!
contact 11 on the contact side, the continuous plug-in
bridges which can be cut to length as desired, or the 2-
position jumper plugs guarantee with one “click” quick,
economical and fault-free wiring, whilst providing
utmost clarity. This makes complicated, time-consuming
loop bridges a thing of the past!
Headquarters: © Phoenix Contact GmbH & Co. KG • Flachsmarktstraße 8-28 • 32825 Blomberg • Germany
Phone +49-(0) 52 35-3-00 • Fax +49-(0) 52 35-3-4 12 00 • http://www.phoenixcontact.com
8
“…6”
(IEC)
rigid
flexible
I
U
[mm2]
solid
stranded
AWG
[A] [V]
Connection data
0.2-2.5
0.2-1.5
24-14
*
*
* The electrical data are determined by the relay.
80
6,2


Similar Part No. - PLC-RSP-24DC/21AU

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSP-24UC PHOENIX-PLC-RSP-24UC Datasheet
98Kb / 6P
Efficient connection to system cabling using V8 adapter
More results

Similar Description - PLC-RSP-24DC/21AU

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-24UC PHOENIX-PLC-24UC Datasheet
248Kb / 4P
PLC INTERFACE With Switch and Integrated Power Contact Relay
PLC-OS PHOENIX-PLC-OS Datasheet
249Kb / 4P
PLC INTERFACE With Solid-State Relay, Universal Version
UMK22REL24 PHOENIX-UMK22REL24 Datasheet
50Kb / 3P
Relay base family that can be fitted with 2 PDT relay
UM-RH1004 PHOENIX-UM-RH1004 Datasheet
69Kb / 2P
Universal module, with Hartmann & Braun plug-in base for relay 1004, contact: 4 PDT
101460 PHOENIX-101460 Datasheet
248Kb / 4P
PLC INTERFACE With Switch and Integrated Power Contact Relay
103119 PHOENIX-103119 Datasheet
125Kb / 4P
PLC-INTERFACE With 1 PDT Relay for Railway Applications in Accordance With EN 50155, High-current Version
103148 PHOENIX-103148 Datasheet
249Kb / 4P
PLC INTERFACE With Solid-State Relay, Universal Version
103152 PHOENIX-103152 Datasheet
258Kb / 3P
PLC INTERFACE With Solid-State Relay, Sensor Version
2966485 PHOENIX-2966485 Datasheet
581Kb / 14P
Universal PLC Interface with PDT Relay ??now also with spring cage connection system
2966540 PHOENIX-2966540 Datasheet
581Kb / 14P
Universal PLC Interface with PDT Relay??now also with spring cage connection system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com