Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4246 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH-4246
Description  IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4246 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH-4246 Datasheet HTML 1Page - OSRAM GmbH SFH-4246 Datasheet HTML 2Page - OSRAM GmbH SFH-4246 Datasheet HTML 3Page - OSRAM GmbH SFH-4246 Datasheet HTML 4Page - OSRAM GmbH SFH-4246 Datasheet HTML 5Page - OSRAM GmbH SFH-4246 Datasheet HTML 6Page - OSRAM GmbH SFH-4246 Datasheet HTML 7Page - OSRAM GmbH SFH-4246 Datasheet HTML 8Page - OSRAM GmbH SFH-4246 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SFH 4246
2012-03-06
5
Relative Spectral Emission
I
rel = f (λ)
Forward Current
I
F = f (VF)
Single pulse,
t
p = 100 μs
800
0
nm
%
OHF04134
20
40
60
80
100
I
rel
λ
850
900
950
1025
OHF03828
F
I
10
-4
0.5
1
1.5
2
2.5 V3
10
0
A
0
F
V
-1
10
5
5
10
-2
-3
5
10
Radiant Intensity
Single pulse,
t
p = 25 μs
Permissible Pulse Handling
Capability
I
F = f (τ), TA = 25 °C,
duty cycle
D = parameter
I
e
I
e 70 mA
=
f (I
F)
OHF03827
10
-2
mA
I
F
0
10
1
10
2
10
3
10
55
1
10
5
-1
10
5
0
10
I (70 mA)
e
I
e
0
-5
F
I
A
tp
s
OHF03733
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
t
T
D =
P
P
t
I
F
0.05
0.5
0.1
0.3
0.005
0.01
0.02
=
D
0.2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1
Max. Permissible Forward Current
I
F = f (TA), RthJA = 500 K/W
Permissible Pulse Handling
Capability
I
F = f (τ), TA = 85 °C,
duty cycle
D = parameter
0
0
˚C
T
I
F
mA
OHF03732
A
20
40
60
80
100
120
10
20
30
40
50
60
70
80
0
-5
F
I
A
tp
s
OHF03824
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
t
T
D =
P
P
t
I
F
0.05
0.5
0.1
0.3
0.005
0.01
0.02
=
D
0.2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com