Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-9201 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH-9201
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9201 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH-9201 Datasheet HTML 4Page - OSRAM GmbH SFH-9201 Datasheet HTML 5Page - OSRAM GmbH SFH-9201 Datasheet HTML 6Page - OSRAM GmbH SFH-9201 Datasheet HTML 7Page - OSRAM GmbH SFH-9201 Datasheet HTML 8Page - OSRAM GmbH SFH-9201 Datasheet HTML 9Page - OSRAM GmbH SFH-9201 Datasheet HTML 10Page - OSRAM GmbH SFH-9201 Datasheet HTML 11Page - OSRAM GmbH SFH-9201 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2012-08-23
8
Version 1.0 (not for new design)
SFH 9201
Spectral data of emitter and detector
Spektraldaten von Sender und Empfänger
Irel, Srel = f(λ), TA = 25°C
Photocurrent
Fotostrom
IC = f(VCE), d = 1 mm, 90% reflection, TA = 25°C
Permissible Pulse Handling Capability
Zulässige Pulsbelastbarkeit
IF = f(tp), TA = 25 °C, duty cycle D = parameter
Permissible Pulse Handling Capability
Zulässige Pulsbelastbarkeit
IF = f(tp), TA = 85 °C, duty cycle D = parameter
0
OHO00786
Srel
λ
700
rel
Ι
20
40
60
80
%
100
800
900
1000 nm 1100
Detector
Emitter
V
OHO00781
CE
0.1
0
ΙC
Ι
F = 25 mA
= 20 mA
Ι
F
= 15 mA
Ι
F
= 10 mA
Ι
F
= 5 mA
Ι
F
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
mA
2.0
10
V
0
10 1
10
10
-2
-3
-4
-5
10
10
10
F
I
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF02623
T
t
P
I
F
1
10
10
2
10
3
10
4
mA
0.005
0.05
0.1
0.02
0.01
D =
0.2
0.5
1
10
10
-2
-3
-4
-5
10
10
10
F
I
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF02622
T
t
P
I
F
1
10
10
2
10
3
10
4
mA
1
0.5
0.2
0.005
0.05
0.1
0.01
0.02
D =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com