Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-9201 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-9201
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9201 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-9201 Datasheet HTML 1Page - OSRAM GmbH SFH-9201 Datasheet HTML 2Page - OSRAM GmbH SFH-9201 Datasheet HTML 3Page - OSRAM GmbH SFH-9201 Datasheet HTML 4Page - OSRAM GmbH SFH-9201 Datasheet HTML 5Page - OSRAM GmbH SFH-9201 Datasheet HTML 6Page - OSRAM GmbH SFH-9201 Datasheet HTML 7Page - OSRAM GmbH SFH-9201 Datasheet HTML 8Page - OSRAM GmbH SFH-9201 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2012-08-23
4
Version 1.0 (not for new design)
SFH 9201
Interrupter
Lichtschranke
Collector-emitter current
Kollektor-Emitterstrom
(Kodak neutral white testcard with 90% reflection;
IF = 10 mA, VCE = 5 V, d = 1 mm)
(min)
(typ)
IPCE
IPCE
250
700
µA
µA
Collector-emitter saturation voltage
Kollektor-Emitter Sättigungsspannung
(Kodak neutral white testcard with 90% reflection;
IF = 10 mA, IC = 85 µA, d = 1 mm)
VCEsat
150 (< 600)
mV
Switching Times
Schaltzeiten
Turn-on time 2) page 14
Einschaltzeit 2) Seite 14
(VCC = 5 V, IC = 1 mA, RL = 1 kΩ)
ton
65
µs
Rise time 2) page 14
Anstiegzeit 2)Seite 14
(VCC = 5 V, IC = 1 mA, RL = 1 kΩ)
tr
50
µs
Turn-off time 2) page 14
Ausschaltzeit 2) Seite 14
(VCC = 5 V, IC = 1 mA, RL = 1 kΩ)
toff
55
µs
Fall time 2) page 14
Abfallzeit 2) Seite 14
(VCC = 5 V, IC = 1 mA, RL = 1 kΩ)
tf
50
µs
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com