Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-9201 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-9201
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9201 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-9201 Datasheet HTML 1Page - OSRAM GmbH SFH-9201 Datasheet HTML 2Page - OSRAM GmbH SFH-9201 Datasheet HTML 3Page - OSRAM GmbH SFH-9201 Datasheet HTML 4Page - OSRAM GmbH SFH-9201 Datasheet HTML 5Page - OSRAM GmbH SFH-9201 Datasheet HTML 6Page - OSRAM GmbH SFH-9201 Datasheet HTML 7Page - OSRAM GmbH SFH-9201 Datasheet HTML 8Page - OSRAM GmbH SFH-9201 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2012-08-23
2
Version 1.0 (not for new design)
SFH 9201
Maximum Ratings (TA = 25 °C)
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emitter
Sender
Reverse voltage
Sperrspannung
VR
5V
Forward current
Durchlassstrom
IF
50
mA
Total power dissipation
Verlustleistung
Ptot
80
mW
Thermal resistance junction - ambient 1) page 14
Wärmewiderstand Sperrschicht - Umgebung
1) Seite 14
RthJA
270
K / W
Detector
Empfänger
Collector-emitter voltage
Kollektor-Emitter-Spannung
VCE
16
V
Collector-emitter voltage
Kollektor-Emitter-Spannung
(t ≤ 2 min)
VCE
30
V
Emitter-collector voltage
Emitter-Kollektor-Spannung
VEC
7V
Collector current
Kollektorstrom
IC
20
mA
Total power dissipation
Verlustleistung
Ptot
100
mW
Thermal resistance junction - ambient 1) page 14
Wärmewiderstand Sperrschicht - Umgebung
1) Seite 14
RthJA
270
K / W
Interrupter
Lichtschranke
Operating and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com