Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8366
Description  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8366 Datasheet HTML 16Page - Analog Devices AD8366 Datasheet HTML 17Page - Analog Devices AD8366 Datasheet HTML 18Page - Analog Devices AD8366 Datasheet HTML 19Page - Analog Devices AD8366 Datasheet HTML 20Page - Analog Devices AD8366 Datasheet HTML 21Page - Analog Devices AD8366 Datasheet HTML 22Page - Analog Devices AD8366 Datasheet HTML 23Page - Analog Devices AD8366 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8366
Data Sheet
Rev. B | Page 20 of 28
VPOS
0.1µF
100pF
VPOS
0.1µF
100pF
LO
BALUN
100pF
100pF
VPOS
BALUN
RFIN
100pF
100pF
VPOS
0.1µF
100pF
1
24
23
22
21
20
19
7
8
9
10
11
12
2
3
4
5
6
18
17
16
15
14
13
GND
GND
QHI
QLO
GND
VCC
GND
GND
IHI
ILO
GND
VCC
ADL5380
AD8366
CCMA
VPSOA
OPMA
OFSA
VCMA
OPPA
CCMB
VPSOB
OPMB
OFSB
VCMB
OPPB
VPOS
0.01µF
0.1µF
0.01µF
VPOS
VPOS
0.1µF
0.1µF
PARALLEL/SERIAL
CONTROL INTERFACE
VPOS
0.1µF
0.01µF
0.1µF
0.01µF
0.01µF
COFS
VPOS
0.01µF
200Ω
200Ω
Q CHANNEL
COFS
I CHANNEL
Figure 56. ADL5380 and AD8366 Interface Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com