Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8366
Description  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8366 Datasheet HTML 19Page - Analog Devices AD8366 Datasheet HTML 20Page - Analog Devices AD8366 Datasheet HTML 21Page - Analog Devices AD8366 Datasheet HTML 22Page - Analog Devices AD8366 Datasheet HTML 23Page - Analog Devices AD8366 Datasheet HTML 24Page - Analog Devices AD8366 Datasheet HTML 25Page - Analog Devices AD8366 Datasheet HTML 26Page - Analog Devices AD8366 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD8366
Rev. B | Page 23 of 28
AGILENT 34980A
MULTIFUNCTION SWITCH
(WITH 34950 AND 34921 MODULES)
AGILENT 34401A DMM
(IN DC I MODE FOR SUPPLY
CURRENT MEASUREMENT)
AGILENT E3631A POWER
SUPPLY
BAND PASS
AGILENT E8251D
SIGNAL GENERATOR
AGILENT E8251A
SIGNAL GENERATOR
AGILENT E4440A
SPECTRUM ANALYZER
COMBINER
RF SWITCH
MATRIX
KEITHLEY
RF SWITCH
MATRIX
KEITHLEY
AD8366
EVALUATION BOARD
BAND REJECT
IEEE
IEEE
CH1
RF IN
CH2
RF IN
CH1
RF OUT
CH2
RF OUT
Figure 58. Characterization Setup, Single-Ended Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com