Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8366
Description  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 3 Page - Analog Devices

  AD8366 Datasheet HTML 1Page - Analog Devices AD8366 Datasheet HTML 2Page - Analog Devices AD8366 Datasheet HTML 3Page - Analog Devices AD8366 Datasheet HTML 4Page - Analog Devices AD8366 Datasheet HTML 5Page - Analog Devices AD8366 Datasheet HTML 6Page - Analog Devices AD8366 Datasheet HTML 7Page - Analog Devices AD8366 Datasheet HTML 8Page - Analog Devices AD8366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD8366
Rev. B | Page 3 of 28
SPECIFICATIONS
VS = 5 V, TA = 25°C, ZS = 200 Ω, ZL = 200 Ω, f = 10 MHz, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth
3 dB; all gain codes
600
MHz
1 dB; all gain codes
200
MHz
Slew Rate
Maximum gain
1100
V/µs
Minimum gain
1500
V/µs
INPUT STAGE
IPPA, IPMA, IPPB, IPMB
Linear Input Swing
At minimum gain AV = 4.5 dB, 1 dB gain compression
3.6
V p-p
Differential Input Impedance
217
Ω
Minimum Input Common-Mode Voltage
1.5
V
Maximum Input Common-Mode Voltage
VPOS/2 + 0.075
V
Input pins left floating
VPOS/2
V
GAIN
Minimum Voltage Gain
4.5
dB
Maximum Voltage Gain
20.25
dB
Gain Step Size
All gain codes
0.25
dB
Gain Step Accuracy
All gain codes
±0.25
dB
Gain Flatness
Maximum gain, DC to 70 MHz
0.1
dB
Gain Mismatch
Channel A/Channel B at minimum/maximum gain code
0.1
dB
Group Delay Flatness
All gain codes, 20% fractional bandwidth, fC < 100 MHz
<0.5
ns
Mismatch
Channel A and Channel B at same gain code
2
ps
Gain Step Response
Maximum gain to minimum gain
30
ns
Minimum gain to maximum gain
60
ns
Common-Mode Rejection Ratio
−66.2
dB
OUTPUT STAGE
OPPA, OPMA, OPPB, OPMB, VCMA, VCMB
Linear Output Swing
1 dB gain compression
6
V p-p
Differential Output Impedance
28
Ω
Output DC Offset
Inputs shorted, offset loop disabled at
minimum/maximum gain
−10/−30
mV
Inputs shorted, offset loop enabled (across all gain codes)
10
mV
Minimum Output Common-Mode Voltage
HD3, HD2 > −90 dBc, 2 V p-p output
1.6
V
Maximum Output Common-Mode Voltage
HD3, HD2 > −90 dBc, 2 V p-p output
3
V
VCMA and VCMB left floating
VPOS/2
V
Common-Mode Setpoint Input Impedance
4
kΩ
NOISE/DISTORTION
3 MHz
Noise Figure
Maximum gain
11.3
dB
Minimum gain
18.2
dB
Second Harmonic
2 V p-p output, maximum gain
−82
dBc
2 V p-p output, minimum gain
−82
dBc
Third Harmonic
2 V p-p output, maximum gain
−87
dBc
2 V p-p output, minimum gain
−90
dBc
OIP31
2 V p-p composite, maximum gain
34
dBVrms
2 V p-p composite, minimum gain
35
dBVrms
OIP21
2 V p-p composite, maximum gain
76
dBVrms
2 V p-p composite, minimum gain
76
dBVrms
Output 1 dB Compression Point1
Maximum gain
6.7
dBVrms
Minimum gain
6.9
dBVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com