Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3124 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3124
Description  15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3124 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3124 Datasheet HTML 9Page - Linear Technology LTC3124 Datasheet HTML 10Page - Linear Technology LTC3124 Datasheet HTML 11Page - Linear Technology LTC3124 Datasheet HTML 12Page - Linear Technology LTC3124 Datasheet HTML 13Page - Linear Technology LTC3124 Datasheet HTML 14Page - Linear Technology LTC3124 Datasheet HTML 15Page - Linear Technology LTC3124 Datasheet HTML 16Page - Linear Technology LTC3124 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3124
13
3124f
For more information www.linear.com/LTC3124
OPERATION
Boost Anti-Ringing Control
When VOUT≥VIN+2V,theanti-ringingcircuitryconnectsa
resistoracrosseachinductortoVINtodamphighfrequency
ringingontheSWpinsduringdiscontinuouscurrentmode
operation. Although the ringing of the resonant circuits
formed by the inductors and CSW(A/B) (capacitance on
the respective SW pins) is low energy, it can cause EMI
radiation if not damped.
VCC Regulator
An internal low dropout regulator generates the 4.25V
(nominal) VCC rail from VIN or VOUT, depending upon
operating conditions. VCC is supplied from VIN if VIN is
initiallygreaterthanapproximately3.5V,withVINcontinuing
to supply VCC down to approximately 3V; otherwise the
greater of VIN and VOUT supplies VCC. The VCC rail powers
theinternalcontrolcircuitryandpowerMOSFETgatedrivers
of the LTC3124. The VCC regulator is disabled in shutdown
to reduce quiescent current and is enabled by forcing the
SD pin above its input high threshold. A 4.7µF or larger
capacitor must be connected between VCC and SGND.
Overvoltage Lockout
An overvoltage condition occurs when VOUT exceeds
approximately 16.5V. Switching is disabled and the in-
ternal soft-start ramp is reset. Once VOUT drops below
approximately 16V a soft-start is initiated and switching
is allowed to resume. If the boost converter output is
lightly loaded such that the time constant of the output
capacitance, COUT, and the output load resistance, ROUT
isnearorgreaterthanthesoft-starttimeofapproximately
10ms, the soft-start ramp may end before or soon after
switchingresumes,defeatingtheinrushcurrentlimitingof
theclosed-loopsoft-startfollowinganovervoltageevent.
Short-Circuit Protection
The LTC3124 output disconnect feature allows output
short-circuit protection while maintaining a maximum set
current limit. To reduce power dissipation under overload
andshort-circuitconditions,thepeakswitchcurrentlimits
are reduced to approximately 2A. Once VOUT exceeds
approximately 1.5V, the current limits are reset to their
nominal values of 3.5A per phase.
Output Disconnect
The LTC3124’s output disconnect feature eliminates body
diode conduction of the internal P-channel MOSFET recti-
fiers.ThisfeatureallowsforVOUTtodischargeto0Vduring
shutdown, and draw no current from the input source.
Inrush current will also be limited at turn-on, minimizing
surgecurrentsseenbytheinputsupply.Notethattoobtain
the advantages of output disconnect, there must not be
an external Schottky diode connected between SWA, SWB
and VOUT. The output disconnect feature also allows VOUT
to be pulled high, without backfeeding the power source
connected to VIN.
VIN > VOUT Operation
The LTC3124 step-up converter will maintain voltage
regulationevenwhentheinputvoltageisabovethedesired
outputvoltage.Notethatoperatinginthismodewillexhibit
lower efficiency and a reduced output current capability.
RefertotheTypicalPerformanceCharacteristicsfordetails.
Burst Mode OPERATION
When the PWM/SYNC pin is held low, the boost converter
operates in Burst Mode, independent of load current. This
mode of operation is typically commanded to improve
efficiency at light loads and reduce standby current at no
load. The output current (IOUT) capability in Burst Mode
operation is significantly less than in PWM mode and
varies with VIN and VOUT, as shown in Figure 5. The logic
input thresholds for this pin are determined relative to VCC
with a low being less than 10% of VCC and a high being
greater than 90% of VCC. The LTC3124 will operate in
fixed frequency PWM mode even if Burst Mode operation
is commanded during soft-start.
In Burst Mode operation, only Phase A of the LTC3124
is operational, while Phase B is disabled. The Phase A
inductor current is initially charged to approximately
700mA by turning on the N-channel MOSFET switch, at
which point the N-channel switch is turned off and the
P-channel synchronous switch is turned on, delivering
currenttotheoutput.Whentheinductorcurrentdischarges
to approximately zero, the cycle repeats. In Burst Mode
operation,energyisdeliveredtotheoutputuntilthenominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com