Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3124 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3124
Description  15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3124 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3124 Datasheet HTML 16Page - Linear Technology LTC3124 Datasheet HTML 17Page - Linear Technology LTC3124 Datasheet HTML 18Page - Linear Technology LTC3124 Datasheet HTML 19Page - Linear Technology LTC3124 Datasheet HTML 20Page - Linear Technology LTC3124 Datasheet HTML 21Page - Linear Technology LTC3124 Datasheet HTML 22Page - Linear Technology LTC3124 Datasheet HTML 23Page - Linear Technology LTC3124 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC3124
20
3124f
For more information www.linear.com/LTC3124
APPLICATIONS INFORMATION
Decide how much phase margin (
Φm) is desired. Greater
phasemargincanoffermorestabilitywhilelowerphasemar-
gin can yield faster transient response. Typically,
Φm≈60°
is optimal for minimizing transient response time while
allowing sufficient margin to account for component
variability.
Φ1 is the phase boost of Z1, P2, and P5 while
Φ2 is the phase boost of Z4 and P4. Select Φ1 and Φ2
such that:
Φ1 + Φ2 = Φm + tan− 1
ƒC
Z3


and
Φ1 ≤ 74°; Φ2 ≤ 2 • tan−1
VOUT
1.2V


− 90°
where VOUT is in V and ƒC and Z3 are in kHz.
Setting Z1, P5, Z4, and P4 such that
Z1
=
ƒC
a1
, P5
= ƒC a1, Z4 =
ƒC
a2
, P4
= ƒC a2
allows a1 and a2 to be determined using Φ1 and Φ2
a1 = tan2
Φ1 + 90°
2


, a2 = tan2
Φ2 +90°
2


The compensation will force the converter gain GBOOST
to unity at ƒC by using the following expression for CC:
CC =
103 • gma •R2 •GƒC a1 − 1
(
) a2
2
π • ƒC • R1+R2
(
) a1
pF
(gma in µS, ƒC in kHz, GƒC in V/V)
Once CC is calculated, RC and CF are determined by:
RC =
106 • a1
2
π • ƒC •CC
k
Ω (ƒC in kHz, CC in pF)
CF =
CC
a1 − 1
Amethodforimprovingtheconverter’stransientresponse
uses a small feedforward series network of a capacitor and
a resistor across the top resistor of the feedback divider
(from VOUT to FB). This adds a phase-lead zero and pole to
the transfer function of the converter. The values of these
phase lead components are given by the expressions:
RPL =
R1
− a2 •
R1•R2
R1
+R2


a2 − 1
k
Ω and
CPL =
106 a2 − 1
(
) R1+R2
(
)
2
π • ƒC •R1
2 a2
pF
where R1, R2, and RPL are in kΩ and ƒC is in kHz.
Note that selecting
Φ2 = 0° forces a2 = 1, and so the
converter will have Type II compensation and therefore
no feedforward: RPL is open (infinite impedance) and CPL
= 0pF. If a2 = 0.833 • VOUT (its maximum), feedforward is
maximized; RPL = 0 and CPL is maximized for this com-
pensation method.
Once the compensation values have been calculated, ob-
taining a converter bode plot is strongly recommended to
verify calculations and adjust values as required.
Using the circuit in Figure 8 as an example, Table 4 shows
the parameters used to generate the Bode plot shown in
Figure 9.
Table 4. Bode Plot Parameters
PARAMETER
VALUE
UNITS
COMMENT
VIN
5
V
App Specific
VOUT
12
V
App Specific
RL
8
Ω
App Specific
COUT at No Bias
COUT at 12V Bias
22
× 2
14
× 2
µF
µF
App Specific
App Specific
RESR
2.5
mΩ
App Specific
LA, LB
4.7
µH
App Specific
fSWITCH
1
MHz
Adjustable
R1
1020
kΩ
Adjustable
R2
113
kΩ
Adjustable
gma
100
µS
Fixed
RO
10
MΩ
Fixed
gmp
3.4
S
Fixed
η
90
%
App Specific
RC
84.5
kΩ
Adjustable
CC
680
pF
Adjustable
CF
56
pF
Adjustable
RPL
Open
kΩ
Optional
CPL
0
pF
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com