Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3124 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3124
Description  15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3124 Datasheet(HTML) 2 Page - Linear Technology

  LTC3124 Datasheet HTML 1Page - Linear Technology LTC3124 Datasheet HTML 2Page - Linear Technology LTC3124 Datasheet HTML 3Page - Linear Technology LTC3124 Datasheet HTML 4Page - Linear Technology LTC3124 Datasheet HTML 5Page - Linear Technology LTC3124 Datasheet HTML 6Page - Linear Technology LTC3124 Datasheet HTML 7Page - Linear Technology LTC3124 Datasheet HTML 8Page - Linear Technology LTC3124 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3124
2
3124f
For more information www.linear.com/LTC3124
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................... –0.3V to 6V
VOUTA, VOUTB Voltages............................... –0.3V to 18V
SWA, SWB Voltages (Note 2)..................... –0.3V to 18V
SWA, SWB (Pulsed < 100ns) (Note 2) ....... –0.3V to 19V
VC Voltage ..................................................–0.3V to VCC
RT Voltage ..................................................–0.3V to VCC
CAP Voltage
VOUT < 5.7V ............................–0.3V to (VOUT + 0.3V)
5.7V ≤ VOUT ≤ 11.7V......(VOUT – 6V) to (VOUT + 0.3V)
VOUT > 11.7V.................................(VOUT – 6V) to 12V
All Other Pins............................................... –0.3V to 6V
Operating Junction Temperature Range (Notes 3, 4)
LTC3124E/LTC3124I........................... –40°C to 125°C
LTC3124H .......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE Package Only ...............................................300°C
(Note 1)
16
15
14
13
12
11
10
9
17
PGND
1
2
3
4
5
6
7
8
CAP
VOUTB
NC
VOUTA
SGND
SD
FB
VC
SWB
PGNDB
SWA
PGNDA
VIN
PWM/SYNC
VCC
RT
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W (NOTE 5), θJC = 5°C/W
EXPOSED PAD (PIN 17) IS PGND AND MUST BE SOLDERED TO PCB
FOR RATED THERMAL PERFORMANCE
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
SWB
PGNDB
SWA
PGNDA
VIN
PWM/SYNC
VCC
RT
CAP
VOUTB
NC
VOUTA
SGND
SD
FB
VC
17
PGND
TJMAX = 150°C, θJA = 40°C/W (NOTE 5), θJC = 10°C/W
EXPOSED PAD (PIN 17) IS PGND AND MUST BE SOLDERED TO PCB
FOR RATED THERMAL PERFORMANCE
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3124EDHC#PBF
LTC3124EDHC#TRPBF
3124
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3124IDHC#PBF
LTC3124IDHC#TRPBF
3124
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3124EFE#PBF
LTC3124EFE#TRPBF
3124FE
16-Lead Plastic TSSOP
–40°C to 125°C
LTC3124IFE#PBF
LTC3124IFE#TRPBF
3124FE
16-Lead Plastic TSSOP
–40°C to 125°C
LTC3124HFE#PBF
LTC3124HFE#TRPBF
3124FE
16-Lead Plastic TSSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container.Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com