Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2736 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2736
Description  Low-Voltage 0.45ohm Dual SPDT Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2736 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2736 Datasheet HTML 1Page - Monolithic Power Systems MP2736 Datasheet HTML 2Page - Monolithic Power Systems MP2736 Datasheet HTML 3Page - Monolithic Power Systems MP2736 Datasheet HTML 4Page - Monolithic Power Systems MP2736 Datasheet HTML 5Page - Monolithic Power Systems MP2736 Datasheet HTML 6Page - Monolithic Power Systems MP2736 Datasheet HTML 7Page - Monolithic Power Systems MP2736 Datasheet HTML 8Page - Monolithic Power Systems MP2736 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2735/MP2736
Low-Voltage 0.45Ω Dual SPDT
Analog Switches
MP2735/MP2736 Rev.1.0
www.MonolithicPower.com
1
1/27/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
GENERAL DESCRIPTION
The MP2735/MP2736 are low voltage, low on-
resistance, dual single-pole , double-throw
(SPDT) monolithic CMOS analog switches
designed for high performance switching of
analog signals. Combining low-power, high
speed, low on-resistance, and small package
size, the MP2735/MP2736 are ideal for portable
and battery power applications.
The MP2735/MP2736 have an operation range
from 1.65V to 5.5V single supply. The MP2735
has two separate control pins and two separate
SPDT switches. The MP2736 includes an EN
pin. All switches are at high impedance mode
when the EN is high.
The MP2735/MP2736 are guaranteed 1.65V
logic compatible for V+<3.3V, allowing the easy
interface with low voltage DSP or MCU control
logic and ideal for one cell Li-ion battery direct
power.
The switch conducts signals within power rails
equally well in both directions when on, and
blocks up to the power supply level when off.
Break-before-make is guaranteed.
The MP2735/MP2736 are offered in a QFN10
package.
FEATURES
• Low Voltage Operation (1.65V to 5.5V)
• Low On-Resistance - RON: 0.45Ω at 2.7V
• Fast Switching: TON = 29ns at 2.7V
• TOFF = 23ns at 2.7V
• Latch-Up Current >300mA (JESD78)
• 1.4mm x 1.8mm QFN10 Package
• ESD Human-Body Model ±4000V
APPLICATIONS
• Cellular Phones
• Speaker Headset Switching
• Audio and Video Signal Routing
• PCMCIA Cards
• Battery Powered Systems
• Portable Media Player
• Handheld Test Instruments
TRUTH TABLE
IN1/2
EN
NC1/2
NO1/2
MP2735
0
-
ON
OFF
1
-
OFF
ON
MP2736
0
1
OFF
OFF
1
1
OFF
OFF
0
0
ON
OFF
1
0
OFF
ON
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc..
FUNCTIONAL BLOCK DIAGRAM PIN CONFIGURATION
MP2735DQG
MP2736DQG
QFN10
QFN10


Similar Part No. - MP2736

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP2733 MPSIND-MP2733 Datasheet
1Mb / 51P
Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
Rev. 1.1 5/18/2023
MP2733GQC-0000 MPSIND-MP2733GQC-0000 Datasheet
1Mb / 51P
Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
Rev. 1.1 5/18/2023
MP2733GQC-0001 MPSIND-MP2733GQC-0001 Datasheet
1Mb / 51P
Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
Rev. 1.1 5/18/2023
MP2733GQC-XXXX MPSIND-MP2733GQC-XXXX Datasheet
1Mb / 51P
Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
Rev. 1.1 5/18/2023
logo
Monolithic Power System...
MP2735DQG MPS-MP2735DQG Datasheet
173Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results

Similar Description - MP2736

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
14-May-07
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
DG2016 VISHAY-DG2016_11 Datasheet
131Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
logo
Texas Instruments
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
0.45ohm Dual SPDT Bidirectional Analog Switch
logo
Vishay Siliconix
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
03-Apr-17
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
0.3 Ω, Low Voltage Dual SPDT Analog Switches
30-Jan-17
logo
Monolithic Power System...
MPQ2735 MPS-MPQ2735 Datasheet
360Kb / 11P
Low-Voltage 0.45ohm Dual SPDT Analog Switches AEC-Q100 Qualified
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com