Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14D88-R25I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STK14D88-R25I
Description  32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14D88-R25I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STK14D88-R25I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STK14D88
April 2005
Document Control #ML0033 rev 1.2
3
Package Thermal Characteristics see website: http://www.simtek.com/
DC CHARACTERISTICS
Commercial
Industrial
Symbol
Parameter
MIN
MAX
MIN
MAX
Units
Notes
tAVAV = 25ns
tAVAV = 35ns
ICC1
Average VCC Current
65
55
50
70
60
55
mA
mA
mA
tAVAV = 45ns
Dependent on output loading and cycle
rate. Values obtained without output loads.
ICC2
Average VCC Current during STORE
3
3
mA
All Inputs Don’t Care, VCC = max
Average current for duration of STORE
cycle (tSTORE).
Average VCC Current at tAVAV = 200ns
W
≥ (VCC – 0.2V)
ICC3
3V, 25°C, Typical
5
5
mA
All Others Inputs Cycling, at CMOS Levels.
Dependent on output loading and cycle
rate. Values obtained without output loads.
ICC4
Average VCAP Current during
AutoStore
™ Cycle
3
3
mA
All Inputs Don’t Care
Average current for duration of STORE
cycle (tSTORE).
VCC Standby Current
E ≥ (VCC – 0.2V)
ISB
(Standby, Stable CMOS Input Levels)
2
2
mA
All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
Standby current level after nonvolatile
cycle is complete.
VCC = max
IILK
Input Leakage Current
±1
±1
µA
VIN = VSS to VCC
VCC = max
IOLK
Off-State Output Leakage Current
±1
±1
µA
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.0
VCC + 0.3
2.0
VCC + 0.3
V
All Inputs
VIL
Input Logic “0” Voltage
VSS – 0.5
0.8
VSS – 0.5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT = –2mA
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 4mA
TA
Operating Temperature
0
70
–40
85
oC
VCC
Operating Voltage
2.7
3.6
2.7
3.6
V
3.0V +20%, -10%
VCAP
Storage Capacitor
17
120
17
120
µF
Between Vcap pin and Vss, 5V rated.
ABSOLUTE MAXIMUM RATINGS
a
Power Supply Voltage
Voltage on Input Relative to VSS
Voltage on Outputs
Temperature under Bias
Junction Temperature
Storage Temperature
Power Dissipation
DC Output Current (1 output at a time, 1s duration)
Notes
a:
Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at con-
ditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
-0.5V to +4.1V
-0.5V to (VCC + 0.5V)
-0.5V to (VCC + 0.5V)
–55
°C to 125°C
–55
°C to 140°C
–65
°C to 150°C
1W
15mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com