Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14D88-R25I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK14D88-R25I
Description  32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14D88-R25I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK14D88-R25I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
April 2005
Document Control #ML0033 rev 1.2
1
STK14D88
32K x 8 AutoStore
TM nvSRAM
QuantumTrap
TM CMOS
Nonvolatile Static RAM
FEATURES
• 25ns, 35ns and 45ns Access Times
• “Hands-off” Automatic STORE on Power Down
with only a small capacitor
• STORE to QuantumTrap™ Nonvolatile
Elements is Initiated by Software , device pin
or AutoStore™ on Power Down
• RECALL to SRAM Initiated by Software or
Power Restore
• Unlimited READ, WRITE and RECALL Cycles
• 5mA Typical I
CC at 200ns Cycle Time
• 1,000,000 STORE Cycles to QuantumTrap™
• 100-Year Data Retention to QuantumTrap™
• Single 3V +20%, -10% Operation
• Commercial and Industrial Temperatures
• SSOP and SOIC Packages
• RoHS Compliance
DESCRIPTION
The Simtek STK14D88 is a fast static RAM with a
nonvolatile element in each memory cell. The
embedded
nonvolatile
elements
incorporate
Simtek’s QuantumTrap™ technology producing the
world’s most reliable nonvolatile memory. The
SRAM provides unlimited read and write cycles,
while independent, nonvolatile data resides in the
highly reliable QuantumTrap
TM cell. Data transfers
from the SRAM to the nonvolatile elements (the
STORE
operation) takes place automatically at
power down. On power up, data is restored to the
SRAM (the RECALL operation) from the nonvolatile
memory. Both the STORE and RECALL operations
are also available under software control.
BLOCK DIAGRAM
COLUMN DEC
G
E
W
COLUMN I/O
POWER
CONTROL
HSB
STORE/
RECALL
CONTROL
SOFTWARE
DETECT
A13 – A0
A5
A6
A7
A8
A9
A11
A12
A13
A14
Quatum Trap
512 X 512
STATIC RAM
ARRAY
512 X 512
STORE
RECALL
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A0 A1 A2 A3 A4 A10
VCC
VCAP
Figure 1. Block Diagram


Similar Part No. - STK14D88-R25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14D88-RF25 SIMTEK-STK14D88-RF25 Datasheet
564Kb / 19P
32Kx8 Autostore nvSRAM
STK14D88-RF25 SIMTEK-STK14D88-RF25 Datasheet
519Kb / 20P
32Kx8 Autostore nvSRAM
STK14D88-RF25I SIMTEK-STK14D88-RF25I Datasheet
564Kb / 19P
32Kx8 Autostore nvSRAM
STK14D88-RF25I SIMTEK-STK14D88-RF25I Datasheet
519Kb / 20P
32Kx8 Autostore nvSRAM
STK14D88-RF25ITR SIMTEK-STK14D88-RF25ITR Datasheet
564Kb / 19P
32Kx8 Autostore nvSRAM
More results

Similar Description - STK14D88-R25I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com