Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14D88-R25I Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # STK14D88-R25I
Description  32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14D88-R25I Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK14D88-R25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 13Page - List of Unclassifed Manufacturers STK14D88-R25I Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
STK14D88
April 2005
Document Control #ML0033 rev 1.2
10
HARDWARE STORE CYCLE
SYMBOLS
STK14D88
NO.
Standard
Alternate
PARAMETER
MIN
MAX
UNITS
NOTES
31
tDELAY
tHLQZ
Time Allowed to Complete SRAM Cycle
1
µs
p
32
tHLHX
Hardware STORE Pulse Width
15
ns
33
tHLBL
Hardware STORE Low to STORE Busy
300
ns
Notes
p: Read and Write cycles in progress before HSB is asserted are given this amount of time to complete.
HARDWARE STORE CYCLE
HSB (OUT)
HSB (IN)
DQ (DATA OUT)
HIGH IMPEDENCE
31
tDELAY
DATA VALID
32
tHLHX
33
tHLBL
HIGH IMPEDENCE
DATA VALID
23
tSTORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com