Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2016DD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2016DD
Description  42V Input Voltage, Low Power Adjustable Output Linear Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2016DD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2016DD Datasheet HTML 1Page - Monolithic Power Systems MP2016DD Datasheet HTML 2Page - Monolithic Power Systems MP2016DD Datasheet HTML 3Page - Monolithic Power Systems MP2016DD Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2016DD-00A HIGH VOLTAGE, LOW POWER LINEAR REGULATOR EV BOARD
EV2016DD-00A Rev. 1.0
www.MonolithicPower.com
2
10/10/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
FB
N/C
N/C
OUT
GND
IN
N/C
SHDN
4
6
1
7
5
8
2
3
VOUT
VIN
VIN
GND
GND
SHDN
VOUT
GND
GND
EV2016DD-00A BILL OF MATERIAL
Qty
Ref.
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
1μF
Ceramic Cap, X7R,
50V
1206
TDK
C3216X7R1H105K
1
C2
4.7μF
Ceramic Cap, X7R,
25V
1206
TDK
C3216X7R1C475K
1
C3
22nF
Ceramic Cap, X7R,
50V
603
TDK
C1608X7R1H223K
1
R1
76.8k
Ω Film Res., 1%
603
Panasonic
ERJ-3EKF7682V
1
R2
24.9k
Ω Film Res., 1%
603
Panasonic
ERJ-3EKF2492V
1
R3
100k
Ω Film Res., 5%
603
Panasonic
ERJ-6GEYJ104V
1
U1
MP2016DD
MPS
MP2016DD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com