Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2016DD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2016DD
Description  42V Input Voltage, Low Power Adjustable Output Linear Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2016DD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2016DD Datasheet HTML 1Page - Monolithic Power Systems MP2016DD Datasheet HTML 2Page - Monolithic Power Systems MP2016DD Datasheet HTML 3Page - Monolithic Power Systems MP2016DD Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV2016DD-00A HIGH VOLTAGE, LOW POWER LINEAR REGULATOR EV BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV2016DD-00A Rev. 1.0
www.MonolithicPower.com
4
10/10/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
QUICK START GUIDE
The output voltage of this board is set to 5V. The EN pin is connected to VIN with a 100kΩ resistor for
automatic startup. You can connect EN to GND to disable the MP2016.
1. Attach the positive and the negative ends of the load to the VOUT and GND pins respectively.
2. Attach an input voltage (7V ≤ VIN ≤ 42V) and input ground to the VIN and GND pins respectively.
3. The output voltage (VOUT) can be changed by setting a resistor divider (R1 and R2). A 24.9kΩ
(±1%) resistor should be used for the low-side resistor R2 of the voltage divider. The high side
resistor R1 can be determined by the equation:
OUT
V
R1 R2
1
1.23V
⎛⎞
=×
−
⎜⎟
⎝⎠
Where the 1.23V is the feedback threshold voltage (VFB).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com