Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2016DD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2016DD
Description  42V Input Voltage, Low Power Adjustable Output Linear Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2016DD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2016DD Datasheet HTML 1Page - Monolithic Power Systems MP2016DD Datasheet HTML 2Page - Monolithic Power Systems MP2016DD Datasheet HTML 3Page - Monolithic Power Systems MP2016DD Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV2016DD-00A
42V Input Voltage, Low Power
Adjustable Output Linear Regulator EV Board
EV2016DD-00A Rev. 1.0
www.MonolithicPower.com
1
10/10/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2016 is a low power linear regulator that
supplies power to systems with high voltage
batteries. It includes a wide 4V to 42V input
range, low dropout voltage and low quiescent
supply current.
The MP2016 provides excellent line transient
response time and 50dB power supply rejection
ratio (PSRR). The MP2016 can be set
externally from 1.2V to 24V through 2 resistors
divider.
The MP2016 also includes thermal shutdown
and current limiting fault protection, and is
available in a QFN-8 package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Unites
Input Voltage
VIN
7 to 42
V
Output Voltage
VOUT
5
V
Operation Temp
-40 to +85
°C
FEATURES
• 4V to 45V Input Range
• 12µA Quiescent Supply Current
• <1.5µA Shutdown Current
• 1.2V to 24V Adjustable Output new bullet
30mA Output Current with 50mA Peak
Current Limit
• ±2% Accuracy
• Thermal Shutdown
• Available in a Tiny QFN8 Package
APPLICATIONS
• Notebook Computers
• Smart-Battery Packs
• PDAs
• Handheld Devices
• Battery-Powered Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV2016DD-00A EVALUATION BOARD
(L x W x H) 2.02” x 2.02” x 0.4”
( 5.1cm x 5.1cm x 1cm )
Board Number
MPS IC Number
EV2016DD-00A
MP2016DD
Output Voltage vs.
Load Current
4.90
4.96
5.02
5.08
5.14
5.20
LOAD CURRENT (mA)
016
832
24
40


Similar Part No. - MP2016DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2016DD MPS-MP2016DD Datasheet
309Kb / 10P
42V, 30mA, Low Power Adjustable Output Linear Regulator
More results

Similar Description - MP2016DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2000DJ-00A MPS-EV2000DJ-00A Datasheet
146Kb / 3P
Low Input Voltage 150mA Linear Regulator Evaluation Board
MP2016 MPS-MP2016 Datasheet
309Kb / 10P
42V, 30mA, Low Power Adjustable Output Linear Regulator
EV2005DD-00A MPS-EV2005DD-00A Datasheet
158Kb / 4P
800mA Low-Current LDO Linear Regulator EV Board
EV2005DD-01B MPS-EV2005DD-01B Datasheet
443Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
EVQ20051-Q-00A MPS-EVQ20051-Q-00A Datasheet
379Kb / 6P
Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20045DN-00A MPS-EV20045DN-00A Datasheet
137Kb / 5P
Low Noise, 1A, Linear Regulator EV Board
EV20045DQ-00A MPS-EV20045DQ-00A Datasheet
528Kb / 5P
Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DN-00A MPS-EV20051DN-00A Datasheet
181Kb / 4P
Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DQ-00A MPS-EV20051DQ-00A Datasheet
176Kb / 4P
Low Noise, High PSRR, 1A Linear Regulator EV Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com