Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2276GD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2276GD
Description  High Efficiency, 8A,16V Synchronous Step-down Converter Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276GD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2276GD Datasheet HTML 1Page - Monolithic Power Systems MP2276GD Datasheet HTML 2Page - Monolithic Power Systems MP2276GD Datasheet HTML 3Page - Monolithic Power Systems MP2276GD Datasheet HTML 4Page - Monolithic Power Systems MP2276GD Datasheet HTML 5Page - Monolithic Power Systems MP2276GD Datasheet HTML 6Page - Monolithic Power Systems MP2276GD Datasheet HTML 7Page - Monolithic Power Systems MP2276GD Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EV2276-D-00A
–SYNCHRONOUS STEP-DOWN CONVERTER EV BOARD
EV2276-D-00A Rev.1.0
www.MonolithicPower.com
2
9/25/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EN
FB
BST
VIN
PG
SW
Vin
MP2276
PGND
Vout
VCC
FREQ/
MODE
AGND
C3
1µF
L1
1µH
R2
8.06K
SS/TRK
EN
PG
C1A
10µF
C1B
1µF
C4
1µF
R5
300K
R4
100K
C6
1.5nF
R1
2K
GND
C2B
22µF
C2A
22µF
1V
Ext. Ref
(Optional)
ILIM
R3
3.6K
C5
3
5
9
13
12
1,14
7
4
8
6
2,11
10
C1
10µF
R7
30.1k
R10
243k
R8
60.4k
R9
121k
Jumper
15nF
R6
NS
C2C
22µF
C2
22µF
C2D
22µF
C2E
NS
EV2276-D-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
2
C1, C1A
10
μF
Ceramic Cap,25V,X5R
1206
Murata
GRM31CR61E106KA12L
3
C1B, C3,
C4
1
μF
Ceramic Cap,25V,X7R
0603
Murata
GRM188R71E105KA12D
5
C2, C2A,
C2B, C2C,
C2D
22
μF
Ceramic Cap, 16V, X5R
0805
Murata
GRM219R61C226ME15L
0
C2E
NS
1
C5
15nF
Ceramic Cap,50V,X7R
0603
Murata
GRM188R71H153KA01D
1
C6
1.5nF
Ceramic Cap,50V,COG
0603
Murata
GRM1885C1H152JA01D
1
R1
2k
Film Res., 1%
0603
Yageo
RC0603FR-072KL
1
R2
8.06k
Film Res., 1%
0603
Yageo
RC0603FR-078K06L
1
R3
3.6k
Film Res., 1%
0603
Yageo
RC0603FR-073K6L
1
R4
100k
Film Res., 1%
0603
Yageo
RC0603FR-07100KL
1
R5
300k
Film Res., 1%
0603
Yageo
RC0603FR-07300KL
0
R6
NS
1
R7
30.1k
Film Res., 1%
0603
Yageo
RC0603FR-0730K1L
1
R8
60.4k
Film Res., 1%
0603
Yageo
RC0603FR-0760K4L
1
R9
121k
Film Res., 1%
0603
Yageo
RC0603FR-07121KL
1
R10
243k
Film Res., 1%
0603
Yageo
RC0603FR-07243KL
1
L1
1
μH
DCR 4.6mΏ,Isat 19A
SMD
Wurth
744311100
1
U1
MP2276GD 16V/8A Step Down Convert
QFN14-
2X3mm
MPS
MP2276GD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com