Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2276GD Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2276GD
Description  High Efficiency, 8A,16V Synchronous Step-down Converter Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276GD Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2276GD Datasheet HTML 1Page - Monolithic Power Systems MP2276GD Datasheet HTML 2Page - Monolithic Power Systems MP2276GD Datasheet HTML 3Page - Monolithic Power Systems MP2276GD Datasheet HTML 4Page - Monolithic Power Systems MP2276GD Datasheet HTML 5Page - Monolithic Power Systems MP2276GD Datasheet HTML 6Page - Monolithic Power Systems MP2276GD Datasheet HTML 7Page - Monolithic Power Systems MP2276GD Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EV2276-D-00A
–SYNCHRONOUS STEP-DOWN CONVERTER EV BOARD
EV2276-D-00A Rev.1.0
www.MonolithicPower.com
5
9/25/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the EV2276-D-00A evaluation board.
VIN=12V, VOUT=1V, L=1µH, FSW=600kHz, pulse skip mode. TA = +25°C, unless otherwise noted.
Start-Up through Enable
IOUT=8A
Shutdown through Enable
IOUT=8A
CH1: VOUT
500mV/div.
CHR1: VPG
5V/div
CH2: VEN
5V/div.
CH3: VSW
10V/div.
CH4: IL
10A/div.
CH1: VOUT
500mV/div.
CHR1: VPG
5V/div
CH2: VEN
5V/div.
CH3: VSW
10V/div.
CH4: IL
10A/div.
1ms/div.
20µs/div.
Input / Output Ripple
IOUT=0A
Input / Output Ripple
IOUT=8A
CH1:
VOUT/AC
50mV/div.
CH2: VIN/AC
50mV/div.
CH3: VSW
10V/div.
CH4: IL
2A/div.
CH1:
VOUT/AC
50mV/div.
CH2:
VIN/AC
100mV/div.
CH3: VSW
10V/div.
CH4: IL
5A/div.
20ms/div.
1µs/div.
Transient Response
IOUT=4A-8A, Slew Rate=2.5A/µs by Eload
Short-Circuit Entry
IOUT=0A
CH1:
VOUT/AC
50mV/div.
CH4: IOUT
2A/div.
CH1: VOUT
1V/div.
CH2: VPG
5V/div.
CH3: VSW
10V/div.
CH4: IL
10A/div.
100µs/div.
10ms/div.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com