Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2276GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2276GD
Description  High Efficiency, 8A,16V Synchronous Step-down Converter Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2276GD Datasheet HTML 1Page - Monolithic Power Systems MP2276GD Datasheet HTML 2Page - Monolithic Power Systems MP2276GD Datasheet HTML 3Page - Monolithic Power Systems MP2276GD Datasheet HTML 4Page - Monolithic Power Systems MP2276GD Datasheet HTML 5Page - Monolithic Power Systems MP2276GD Datasheet HTML 6Page - Monolithic Power Systems MP2276GD Datasheet HTML 7Page - Monolithic Power Systems MP2276GD Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EV2276-D-00A
High Efficiency, 8A,16V
Synchronous Step-down Converter
Evaluation Board
EV2276-D-00A Rev.1.0
www.MonolithicPower.com
1
9/25/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The EV2276-D-00A is an evaluation board for
the MP2276, a high efficiency, monolithic,
synchronous step-down converter.
The EV board can deliver 8A continuous load
current over a wide operating input range. High
efficiency can be achieved over a wide output
current load range.
The MP2276 adopts internally compensated
constant-on-time
(COT)
control
mode
that
provides fast transient response and eases loop
stabilization.
This EV board can be turned on or off via a
remote ON/OFF input (EN) that is referenced to
ground. This input is compatible with popular logic
devices.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
4-16
V
Output Voltage
VOUT
1
V
Output Current
IOUT
8
A
FEATURES
 Wide 4V to 16V input Voltage Range
 8A Continuous Output Current
 24mΩ/10mΩ
Low
RDS(ON)
Integrated
Power MOSFETs
 Adaptive COT for Ultrafast Transient
Response
 Stable with Zero-ESR Output Capacitor
 Programmable Current Limit
 Selectable Forced CCM or Pulse-Skip
Operation at Light Load
 Excellent Load Regulation
 Programmable Soft Start Time from 1.7ms
and up
 Pre-Bias Start up
 Selectable 600kHz, 1100kHz or 2000kHz
Switching Frequency
 Hiccup OCP Protection
 Auto Retry OVP Protection and Thermal
Shutdown
 Output Adjustable from 0.8V
 Available in QFN-14 (2x3mm) package
APPLICATIONS
Digital Set Top Boxes
Flat panel TV and Monitors
Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
EV2276-D-00A EVALUATION BOARD
(L × W ) 78cm × 81cm
Board Number
MPS IC Number
EV2276-D-00A
MP2276GD
Efficiency vs. Output Current
VOUT=1V, L=1µH (DCR=4.6mΩ)
40
50
60
70
80
90
100
0.01
0.10
1.00
10.00
Output Current(A)
Vin=5V
Vin=12V
Vin=16V


Similar Part No. - MP2276GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2276GD MPS-MP2276GD Datasheet
1Mb / 23P
8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
More results

Similar Description - MP2276GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8761 MPS-MP8761 Datasheet
880Kb / 24P
High Efficiency, 8A, 18V, Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
EV1499-D-00A MPS-EV1499-D-00A Datasheet
258Kb / 5P
High-Efficiency, 5A Peak, 16V, 500kHz, Sync. Step-Down Converter Evaluation Board
EV2229-Q-00A MPS-EV2229-Q-00A Datasheet
816Kb / 6P
High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
EV8760D-L-00A MPS-EV8760D-L-00A Datasheet
344Kb / 8P
High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
EV8764GLE-L-00A MPS-EV8764GLE-L-00A Datasheet
446Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EVQ8612-L-12-00A MPS-EVQ8612-L-12-00A Datasheet
328Kb / 10P
High Efficiency, 12A, 6V Synchronous Step-down Converter Evaluation Board
EVQ8616-L-6-00A MPS-EVQ8616-L-6-00A Datasheet
708Kb / 10P
High Efficiency, 6A, 6V Synchronous Step-down Converter Evaluation Board
logo
Shenzhen Huazhimei Semi...
HM1488C HMSEMI-HM1488C Datasheet
877Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com