Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3350 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3350 Datasheet HTML 9Page - Linear Technology LTC3350 Datasheet HTML 10Page - Linear Technology LTC3350 Datasheet HTML 11Page - Linear Technology LTC3350 Datasheet HTML 12Page - Linear Technology LTC3350 Datasheet HTML 13Page - Linear Technology LTC3350 Datasheet HTML 14Page - Linear Technology LTC3350 Datasheet HTML 15Page - Linear Technology LTC3350 Datasheet HTML 16Page - Linear Technology LTC3350 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
LTC3350
13
3350fc
For more information www.linear.com/LTC3350
block DiagraM
+ –
+ –
+
–
30mV
30mV
INTVCC
VREF
vcapfb_dac[3:0]
Vcapfb_dac
Vcapfb_dac
VIN
CAPFB
OUTFB
VC
RT
INTVCC
INFET
VOUTSP
VOUTM5
VOUTSN
x37.5
x37.5
IIN
ICHG
5V LDO
–5V LDO
D/A
A/D
VREF
INTVCC
INTVCC
+
–
VREF
+
–
VREF
VOUTSP
IREF
+
–
+
–
OUTFET
CFM
VCAPP5
CFP
VCAP
ICAP
BST
TGATE
SW
+–
CHARGE
PUMP
DRVCC
BGATE
CAP4
BIDIRECTIONAL
SWITCHING
CONTROLLER
LOGIC
VCC2P5
IIN
ICHG
VCAP
VOUT
VIN
CAP4
CAP3
CAP2
CAP1
CAPRTN
DTEMP
CAPGD
PFI
GPI
SGND
BANDGAP
VREF
OSC
2.5V LDO
SHUNT
CONTROLLER
CAP3
BALANCER
SHUNT
CONTROLLER
CAP2
BALANCER
SHUNT
CONTROLLER
CAP1
BALANCER
SHUNT
CONTROLLER
CAPRTN
ITST
BALANCER
PFO
+
–
VREF
3350 BD
GPIBUF
+
–
VREF
CAPFB
+
–
CAP_SLCT0
CAP_SLCT1
SMBALERT
SDA
SCL
34
33
31
32
30
20
17
18
19
21
22
26
25
24
28
27
16
15
14
13
12
11
10
8
PGND
39
1
2
3
36
35
38
37
4
23
29
9
5
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com