Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3350 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC3350 Datasheet HTML 35Page - Linear Technology LTC3350 Datasheet HTML 36Page - Linear Technology LTC3350 Datasheet HTML 37Page - Linear Technology LTC3350 Datasheet HTML 38Page - Linear Technology LTC3350 Datasheet HTML 39Page - Linear Technology LTC3350 Datasheet HTML 40Page - Linear Technology LTC3350 Datasheet HTML 41Page - Linear Technology LTC3350 Datasheet HTML 42Page - Linear Technology LTC3350 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
LTC3350
39
3350fc
For more information www.linear.com/LTC3350
Application Circuit 1. 25V to 35V, 6.4A Supercapacitor Charger with 2A Input Current Limit and 28V, 50W Backup Mode
VIN
VDD
Si1555DL
VIN
25V TO 35V
25V RISING THRESHOLD
22V FALLING THRESHOLD
INFET
MN1
SiS434DN
MN2
SiS434DN
L1
6.8µH
RSNSC
0.005
RCAP1 2.7
RCAP2 2.7
RCAP3 2.7
RCAP4 2.7
RCAPRTN 2.7
MN3
SiS434DN
RSNSI
0.016
VOUTM5VOUTSP
LTC3350
VOUTSN OUTFET
OUTFB
PFI
C1
0.1µF
C2
1µF
RPF1
80.6k
DB
B0540WS
CB
0.1µF
C3
4.7µF
C4
0.1µF
CCAP
47µF
RFBC1
866k
RFBC2
118k
CF
0.1µF
CCP5
0.1µF
CAP1 5F
CAP1-4: NESSCAP ESHSR-0005C0-002R7
L1: COILCRAFT XAL7070-682ME
CFBO1
120pF
COUT2
10µF
×2
COUT1
82µF
RFBO1
665k
RFBO2
29.4k
RPF2
4.53k
RPF3
39.2k
R3
10k
R7
10k
R4
100k
C5
1µF
R6
121
R5
107k
CC
1.2nF
RT1
100k
R2
10k
R1
10k
VCC2P5
PFO
CAPGD
SMBALERT
SCL
SDA
PFO
CAPGD
SMBALERT
SCL
SDA
VOUT
28V
50W IN BACKUP
TGATE
SW
ICAP
VCAP
CAP_SLCT0
CAP_SLCT1
VCAPP5
3350 TA02
CFP
CAP4
CAP3
CAP2
CAP1
CFN
SGND
PGND
ITST
RT
T
VC
GPI
DRVCC
INTVCC
BST
BGATE
+
CAP2 5F
+
CAP3 5F
+
CAP4 5F
+
+
CAPRTN
CAPFB
Typical applicaTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com