Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3350 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3350 Datasheet HTML 16Page - Linear Technology LTC3350 Datasheet HTML 17Page - Linear Technology LTC3350 Datasheet HTML 18Page - Linear Technology LTC3350 Datasheet HTML 19Page - Linear Technology LTC3350 Datasheet HTML 20Page - Linear Technology LTC3350 Datasheet HTML 21Page - Linear Technology LTC3350 Datasheet HTML 22Page - Linear Technology LTC3350 Datasheet HTML 23Page - Linear Technology LTC3350 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
LTC3350
20
3350fc
For more information www.linear.com/LTC3350
operaTion
Details of the mon_status and msk_mon_status registers
can be found in the Register Descriptions section of this
data sheet.
Charge Status Register
TheLTC3350chargerstatusregister(chrg_status)contains
data about the state of the charger, switcher, shunts, and
balancers. Details of this register may be found in the
Register Description sections of this data sheet.
Limit Checking and Alarms
The LTC3350 has a limit checking function that will check
each measured value against I2C/SMBus programmable
limits. This feature is optional, and all the limits are dis-
abled by default. The limit checking is designed to simplify
system monitoring, eliminating the need to continuously
poll the LTC3350 for measurement data.
If a measured parameter goes outside of the programmed
levelofanenabledlimit,theassociatedbitinthealarm_reg
register is set high and the SMBALERT pin is pulled low.
ThisinformstheI2C/SMBushostalimithasbeenexceeded.
The alarms register may then be read to determine exactly
which programmed limits have been exceeded.
AsingleADCissharedbetweenthe11channelswithabout
18ms between consecutive measurements of the same
channel. In a transient condition, it is possible for these
parameters to exceed their programmed levels in between
consecutiveADCmeasurementswithoutsettingthealarm.
Once the LTC3350 has responded to an SMBus ARA the
SMBALERT pin is released. The part will not pull the pin
low again until another limit is exceeded. To reset a limit
that has been exceeded, it must be cleared by writing a
one to the respective bit in the clr_alarms register.
A number of the LTC3350’s registers are used for limit
checking. Individual limits are enabled or disabled in the
msk_alarms registers. Once an enabled alarm’s measured
valueexceedstheprogrammedlevelforthatalarmthealarm
is set. That alarm may be cleared by writing a one to the
appropriate bit of the clr_alarms register or by writing a
zero to the appropriate bit to the msk_alarms register. All
alarms that have been set and have not yet been cleared
may be read in the alarm_reg register.
Alloftheindividualmeasuredvoltageshaveacorresponding
undervoltage (uv) and overvoltage (ov) alarm level. All of
theindividualcapacitorvoltagesarecomparedtothesame
alarmlevels,setinthecap_ov_lvlandcap_uv_lvlregisters.
The input current measurement has an overcurrent (oc)
alarm programmed in the iin_oc_lvl register. The charge
current has an undercurrent alarm programmed in the
ichg_uc_lvl register.
Die Temperature Sensor
The LTC3350 has an integrated die temperature sensor
monitored by the ADC and digitized to the meas_dtemp
register. An alarm may be set on die temperature by
settingthedtemp_cold_lvland/ordtemp_hot_lvlregisters
and enabling their respective alarms in the msk_alarms
register. To convert the code in the meas_dtemp register
to degrees Celsius use the following:
TDIE (°C) = 0.028 • meas_dtemp – 251.4
General Purpose Input
Thegeneralpurposeinput(GPI)pincanbeusedtomeasure
an additional system parameter. The voltage on this pin is
directly digitized by the ADC. For high impedance inputs,
an internal buffer may be selected and used to drive the
ADC.Thisbufferisenabledbysettingthectl_gpi_buffer_en
bit in the ctl_reg register. With this buffer, the input range
is limited from 0V to 3.5V. If this buffer is not used, the
range is from 0V to 5V, however, the input stage of the
ADC will draw about 0.4µA per volt from this pin. The ADC
input is a switched capacitor amplifier running at about
1MHz, so this current draw will be at that frequency. The
pin current can be eliminated at the cost of reduced range
and increased offset by enabling the buffer.
Alarms are available for this pin voltage with levels
programmedusingthegpi_uv_lvlandgpi_ov_lvlregisters.
These alarms are enabled using the msk_gpi_uv and
msk_gpi_ov bits in the msk_alarms register.
To monitor the temperature of the supercapacitor stack,
the GPI pin can be connected to a negative temperature
coefficient (NTC) thermistor. A low drift bias resistor is
required from INTVCC to GPI and a thermistor is required
from GPI to ground. Connect GPI to SGND if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com