Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2316GD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2316GD
Description  3A, 19V, Constant-On-Time Step-Down Switcher Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2316GD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2316GD Datasheet HTML 1Page - Monolithic Power Systems MP2316GD Datasheet HTML 2Page - Monolithic Power Systems MP2316GD Datasheet HTML 3Page - Monolithic Power Systems MP2316GD Datasheet HTML 4Page - Monolithic Power Systems MP2316GD Datasheet HTML 5Page - Monolithic Power Systems MP2316GD Datasheet HTML 6Page - Monolithic Power Systems MP2316GD Datasheet HTML 7Page - Monolithic Power Systems MP2316GD Datasheet HTML 8Page - Monolithic Power Systems MP2316GD Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EV2316-D-00A – 3A, 19V, SYNC STEP-DOWN SWITCHER
EVALUATION BOARD SCHEMATIC
Note: Use R6 and not use R7 to set part work at force PWM Mode, Use R7 and not use R6 to set part work at Auto PFM/PWM Mode.
EV2316-D-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer Manufacturer P/N
2
R1,R2
40.2k
Film Res, 1%
0603
ROYAL
RL0603FR-0740K2L
3
R3, R4,R5
100k
Film Res, 1%
0603
ROYAL
RL0603FR-07100KL
0
R6,Rc
NS
1
R7
180k
Film Res, 1%
0603
ROYAL
RL0603FR-07180KL
1
Rb
0
Ω
Film Res, 1%
0603
Yageo
RC0603FR-070RL
1
C1
0.1
μF
Ceramic Cap,25V,X7R
0603
Murata
GRM188R71E104KA01D
0
C2, C5,
C6,Cf, C1B,
C2B
NS
1
Cb
0.1
μF
Ceramic Cap, 16V, X7R
0603
Murata
GRM188R71C104KA01D
1
C3
15nF
Ceramic Cap, 50V, X7R
0603
TDK
C1608X7R1H153K
1
C4
1
μF
Ceramic Cap,16V, X7R
0603
Murata
GRM188R71C105KA12D
1
Cr
100pF
Ceramic Cap, 50V, C0G
0603
Murata
GRM1885C1H101JA01D
1
C1A
22
μF
Ceramic Cap,25V,X7R
1206
Murata
GRM31ER71E226KE15L
1
C2A
22
μF
Ceramic Cap,10V,X7R
1206
Murata
GRM31CR71A226KE15L
1
L1
2.2
μH
Inductor, DCR=11.4m
Ω,
Isat=13A
SMD
Wurth
744311220
1
U1
MP2316GD
Synchronous Step-down
Converter
QFN14(2m
mX3mm)
MPS
MP2316GD
EV2316-D-00A Rev.1.0
www.MonolithicPower.com
2
4/10/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com