Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2316GD Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2316GD
Description  3A, 19V, Constant-On-Time Step-Down Switcher Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2316GD Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2316GD Datasheet HTML 1Page - Monolithic Power Systems MP2316GD Datasheet HTML 2Page - Monolithic Power Systems MP2316GD Datasheet HTML 3Page - Monolithic Power Systems MP2316GD Datasheet HTML 4Page - Monolithic Power Systems MP2316GD Datasheet HTML 5Page - Monolithic Power Systems MP2316GD Datasheet HTML 6Page - Monolithic Power Systems MP2316GD Datasheet HTML 7Page - Monolithic Power Systems MP2316GD Datasheet HTML 8Page - Monolithic Power Systems MP2316GD Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EV2316-D-00A - 3A, 19V, SYNC STEP-DOWN SWITCHER
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VIN=12V, VOUT=1.2V, L=2.2uH, TA=25
oC, unless otherwise noted.
EV2316-D-00A Rev.1.0
www.MonolithicPower.com
5
4/10/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com