Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2316GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2316GD
Description  3A, 19V, Constant-On-Time Step-Down Switcher Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2316GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2316GD Datasheet HTML 1Page - Monolithic Power Systems MP2316GD Datasheet HTML 2Page - Monolithic Power Systems MP2316GD Datasheet HTML 3Page - Monolithic Power Systems MP2316GD Datasheet HTML 4Page - Monolithic Power Systems MP2316GD Datasheet HTML 5Page - Monolithic Power Systems MP2316GD Datasheet HTML 6Page - Monolithic Power Systems MP2316GD Datasheet HTML 7Page - Monolithic Power Systems MP2316GD Datasheet HTML 8Page - Monolithic Power Systems MP2316GD Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EV2316-D-00A
3A, 19V, Constant-On-Time
Step-Down Switcher Evaluation Board
DESCRIPTION
The EV2316-D-00A is used for demonstrating
the performance of MP2316, a fully-integrated,
high efficiency, synchronous step-down switch
mode
converter
with
the
feathered
40uA
quiescent current. MP2316 provides up to 3A
continuous output current over a wide input
supply range with constant-on-time control for
fast loop response.
High power efficiency over a wide load range is
achieved
by
scaling
down
the
switching
frequency at light load to reduce the switching
related loss by constant on time control. Short
circuit and thermal shutdown provides reliable,
fault-tolerant operation.
MP2316 is available in 2mmx3mm 14-pin QFN
package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
4– 19
V
Output Voltage
VOUT
1.2
V
Output Current
IOUT
3
A
FEATURES
• Wide 4V to 19V Operating Input Range
• Up to 3A Output Current
• 40
μA Quiescent Current
• 90
mΩ /30mΩ High Side/ Low Side R
DS(ON)
for Internal Power MOSFETs
• PWM/PFM Mode Selectable
• Programmable Switching Frequency
• Power Good Indicator
• Cycle-by-Cycle Over Current Protection
• Short Circuit Protection with Hiccup Mode
• Thermal Shutdown
• Stable with Low ESR Ceramic Output
Capacitors
• Programmable Soft-Start Time
• Available in QFN14 (2mmx3mm)Package
APPLICATIONS
• Tablet PCs
• Solid State Drives
• Gaming
• Battery-operated Applications
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology”, are Registered Trademarks of Monolithic
Power Systems, Inc.
EV2316-D-00A EVALUATION BOARD
Board Number
MPS IC Number
EV2316-D-00A
MP2316GD
EV2316-D-00A Rev.1.0
www.MonolithicPower.com
1
4/10/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.


Similar Part No. - MP2316GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2316GD MPS-MP2316GD Datasheet
1Mb / 25P
19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
MP2316GD-P MPS-MP2316GD-P Datasheet
1Mb / 25P
19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
More results

Similar Description - MP2316GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2316 MPS-MP2316 Datasheet
1Mb / 25P
19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
EV2143H-D-00A MPS-EV2143H-D-00A Datasheet
483Kb / 7P
3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
EV2145-D-00A MPS-EV2145-D-00A Datasheet
552Kb / 8P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2233-J-00A MPS-EV2233-J-00A Datasheet
256Kb / 5P
High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
EV2319-J-00A MPS-EV2319-J-00A Datasheet
377Kb / 6P
18V/3A, 650KHz, Step Down Converter Evaluation Board
EV4423A-Q-00A MPS-EV4423A-Q-00A Datasheet
502Kb / 8P
3A, 36V, Synchronous Step Down Converter Evaluation Board
EV4423H-Q-00A MPS-EV4423H-Q-00A Datasheet
488Kb / 8P
3A, 36V, Synchronous Step Down Converter Evaluation Board
EVM3805-QB-00A MPS-EVM3805-QB-00A Datasheet
148Kb / 4P
6V, 0.6A Synchronous Step-Down Switcher Evaluation Board
EVM3805-QB-01A MPS-EVM3805-QB-01A Datasheet
394Kb / 5P
6V, 0.6A Synchronous Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com