Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4013 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4013
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013 Datasheet(HTML) 2 Page - Linear Technology

  LTC4013 Datasheet HTML 1Page - Linear Technology LTC4013 Datasheet HTML 2Page - Linear Technology LTC4013 Datasheet HTML 3Page - Linear Technology LTC4013 Datasheet HTML 4Page - Linear Technology LTC4013 Datasheet HTML 5Page - Linear Technology LTC4013 Datasheet HTML 6Page - Linear Technology LTC4013 Datasheet HTML 7Page - Linear Technology LTC4013 Datasheet HTML 8Page - Linear Technology LTC4013 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC4013
2
4013fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
DCIN, VIN, VIN_S, ENAB, STAT0, STAT1 .... –0.3V to 60V
INFET ......................................................... –0.3V to 73V
BST ........................................................... –0.3V to 66V
STAT0, STAT1 ..........................................................5mA
SENSE, BAT ............................................... –0.3V to 60V
SENSE-BAT ............................................... –0.3V to 0.3V
FBOC, MPPT, FB, MODE1, MODE2, SYNC,
INTVCC, NTC............................................ –0.3V to 6V
TMR, LB, ITH ............................................... –0.3V to 3V
Operating Junction Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm × 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
INFET
DCIN
MPPT
FBOC
ENAB
ISMON
STAT0
STAT1
TG
BST
SENSE
BAT
FB
NTC
ITH
RT
7
17
18
19
20
21
22
16
8
15
29
SGND
TJMAX = 125°C, θJA = 43°C/W, θJC = 3.4°C/W
EXPOSED PAD (PIN 29) IS SGND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4013EUFD#PBF
LTC4013EUFD#TRPBF
4013
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC4013IUFD#PBF
LTC4013IUFD#TRPBF
4013
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC4013#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com