Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4013 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4013
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4013 Datasheet HTML 17Page - Linear Technology LTC4013 Datasheet HTML 18Page - Linear Technology LTC4013 Datasheet HTML 19Page - Linear Technology LTC4013 Datasheet HTML 20Page - Linear Technology LTC4013 Datasheet HTML 21Page - Linear Technology LTC4013 Datasheet HTML 22Page - Linear Technology LTC4013 Datasheet HTML 23Page - Linear Technology LTC4013 Datasheet HTML 24Page - Linear Technology LTC4013 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC4013
21
4013fa
Charge Voltage Temperature Compensation
The LTC4013 can use a thermistor to adjust the battery
charge voltage as a function of temperature. The change
in FB-referred charge voltage from its nominal level is
given by ∆VFB = (VNTC - VINTVCC/2) • 0.21. Voltages
above 3.3V disable the NTC feature. The transfer function,
when combined with a thermistor, is stronger than neces-
sary. It is configured this way so that any thermistor can
be diluted with a low drift resistor to achieve the desired
temperature coefficient. To avoid the 3.3V NTC disable
threshold, the LTC4013 requires that the dilution resis-
tor be placed in parallel with the thermistor rather than
in series. The bias resistor from INTVCC to NTC should
be equal to the parallel combination of the thermistor at
25°C and the dilution resistor.
Figure 5 shows the NTC circuit configuration and Table 3
showssomecommontemperaturecoefficientandassoci-
ated resistor settings using a 10k, ß = 3380K thermistor.
OPERATION
Since the thermistor is used to adjust charge voltage vs
battery temperature, it is ideally placed in thermal contact
with the battery. This is not always practical so the next
best thing is to position the resistor to sense the battery's
ambient temperature.
Charge Termination Timer
The LTC4013 supports timer-based functions wherein
batterychargecyclecontroloccursafteraspecificamount
of time. Timer termination is engaged when a capacitor
(CTMR) is connected from the TMR pin to ground. For a
desired end-of-cycle time (tEOC)CTMRfollowstherelation:
CTMR (µF) = tEOC (Hr) • 0.066
Figure 5. NTC Configuration for Temperature Compensation
Figure 6. Diluted Thermistor Voltage vs Temperature
Figure 7. FB-Referred Charge Voltage vs Temperature
RN1
RNTC
RN2
4013 F05
LTC4013
NTC
INTVCC
SGND
Figure 6 shows the diluted thermistor voltage vs tempera-
ture and Figure 7 shows the resultant charge voltage vs
temperature.
−40 −20
0
20
40
60
80 100 120
TEMPERATURE (°C)
0
1
2
3
4
5
4013 F06
−5mV/°C
−2.5mV/°C
−40 −20
0
20
40
60
80 100 120
TEMPERATURE (°C)
1.6
1.8
2.0
2.2
2.4
2.6
4013 F07
FLOAT −5mV/°C
FLOAT −2.5mV/°C
ABSORB −5mV/°C
ABSORB −2.5mV/°C
Table 3. Charge Voltage TC Examples Using ß = 3380 RNTC
TC (WRT VFB)
RN1
RN2
–2.5mV/°C
2.49k
3.32k
–5.0mV/°C
4.99k
10.0k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com