Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4013 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4013
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4013 Datasheet HTML 16Page - Linear Technology LTC4013 Datasheet HTML 17Page - Linear Technology LTC4013 Datasheet HTML 18Page - Linear Technology LTC4013 Datasheet HTML 19Page - Linear Technology LTC4013 Datasheet HTML 20Page - Linear Technology LTC4013 Datasheet HTML 21Page - Linear Technology LTC4013 Datasheet HTML 22Page - Linear Technology LTC4013 Datasheet HTML 23Page - Linear Technology LTC4013 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LTC4013
20
4013fa
OPERATION
POWER ON RESET
VCHG = VCHARGE
ENABLE CHARGER
VBAT < VLOWBAT
STAT0 ON
STAT1 OFF
DISABLE CHARGER
ICHG = ICHGMAX/5
ICHG = ICHGMAX
DISABLE CHARGER
STAT0 OFF
STAT1 ON
STAT0 ON
STAT1 ON
STAT0 OFF
STAT1 OFF
LITHIUM ION CHARGING
VBAT > VLOWBAT
TMR PIN ACTIVE
TMR PIN ACTIVE
ELAPSED TIME > tEOC
VBAT < VRECHARGE
VBAT > VFLOAT – 16mV
IBAT > C/5
(C/10?)
ELAPSED TIME > tEOC/8
YES
YES
YES
YES
YES
YES
YES
YES
YES
NO
NO
NO
NO
NO
NO
NO
NO
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com