Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6951 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6951
Description  Multichannel JESD204B ADC with Clocking
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6951 Datasheet(HTML) 1 Page - Linear Technology

  LTC6951 Datasheet HTML 1Page - Linear Technology LTC6951 Datasheet HTML 2Page - Linear Technology LTC6951 Datasheet HTML 3Page - Linear Technology LTC6951 Datasheet HTML 4Page - Linear Technology LTC6951 Datasheet HTML 5Page - Linear Technology LTC6951 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2226Afa
DEMO MANUAL DC2226A
DESCRIPTION
LTC6951
Multichannel JESD204B ADC
with Clocking
Demonstration Circuit 2226A-A is a reference design
for a four-channel, 250Msps ADC system consist-
ing of two LTC®2123, dual 14-bit 250Msps ADCs and
a JESD204B Subclass 1 clocking solution based on
the LTC6951 Clock Synthesizer with Integrated VCO.
Other dash options reserved for future use. No external
clock source is required to operate the board; however,
the onboard 100MHz reference oscillator may be by-
passed, allowing synchronization to other equipment.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ParallelSync and PScope are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
Figure 1 is a block diagram of the DC2226A clock con-
figuration, consisting of two LTC6951s in a JESD204B
subclass 1, ParallelSync™ configuration. More detailed
information is available on the LTC6951 product page.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2226A
/1
/1
/1
10k
BB
LTC6951#2
U10
V+
VCP+
WCO+
CP
TUNE
OUT4+
OUT4–
125MHz, FPGA CLOCK
15.625MHz, ADC2 SYSREF
2GHz, MUTED
250MHz, ADC2 CLOCK
PWRDN
OUT3+
OUT3–
OUT0+
OUT0–
OUT1+
OUT1–
OUT2+
OUT2–
1nF
56.2
56.2
BVCO
1µF
REF–
CMA
CMB
CMC
TB
1µF
100
REF+
SYNC
1µF
1µF
470nF
1.5nF
68nF
10
5V
3.3V
BB
LTC6951#1
U13
V+
VCP+
WCO+
CP
TUNE
OUT4+
OUT4–
15.625MHz, FPGA SYSREF
15.625MHz, ADC1 SYSREF
2GHz, MUTED
250MHz, ADC1 CLOCK
PWRDN
DC2226 F01
OUT3+
OUT3–
OUT0+
OUT0–
OUT1+
OUT1–
OUT2+
OUT2–
1nF
56.2
56.2
BVCO
1µF
REF–
CMA
CMB
CMC
TB
1µF
100
REF+
SYNC
1µF
1µF
470nF
1.5nF
68nF
10
5V
3.3V
CK
D
SYNC
PULSE
LTC6951
REF INPUT
LTC6951
SYNC PULSE
SYNC TO REF TIMING
SYNC HELD HIGH A
MINIMUM OF 1ms
LTC6954-4
REFERENCE DISTRIBUTION
IN+
IN–
OUT0SEL
OUT1SEL
OUT2SEL
1µF
100MHz
REFERENCE
50
1µF
Q
CK
D
Q
OUT0+
OUT0–
OUT1+
OUT1–
OUT2+
OUT2–
1µF
10k
10k
VCC
Figure 1. Subclass 1 ParallelSync Design Example


Similar Part No. - LTC6951

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC695 LINER-LTC695 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
223Kb / 18P
Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
270Kb / 20P
Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3 Datasheet
148Kb / 16P
3.3V Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
3.3V Microprocessor Supervisory Circuits
More results

Similar Description - LTC6951

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV.0
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
4/03-Data Sheet changed from REV. D to REV. E.
logo
Maxim Integrated Produc...
MAX78700 MAXIM-MAX78700 Datasheet
1Mb / 6P
Multichannel, Isolated, Precision ADC
Rev 0; 12/12
logo
Analog Devices
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
logo
Linear Technology
LTC2122 LINER-LTC2122_15 Datasheet
930Kb / 50P
Dual 14-Bit 170Msps ADC with JESD204B Serial Outputs
LTC2123 LINER-LTC2123_15 Datasheet
879Kb / 50P
Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
logo
Texas Instruments
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
Multichannel, Low-Power, High-Speed ADC
logo
Silergy Corp.
MAX78700 SILERGY-MAX78700 Datasheet
552Kb / 7P
Multichannel, Isolated, Precision ADC
logo
Analog Devices
AD9207 AD-AD9207_V01 Datasheet
2Mb / 25P
12-Bit, 6 GSPS, JESD204B/JESD204C Dual ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com