Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6951 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6951
Description  Multichannel JESD204B ADC with Clocking
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6951 Datasheet(HTML) 3 Page - Linear Technology

  LTC6951 Datasheet HTML 1Page - Linear Technology LTC6951 Datasheet HTML 2Page - Linear Technology LTC6951 Datasheet HTML 3Page - Linear Technology LTC6951 Datasheet HTML 4Page - Linear Technology LTC6951 Datasheet HTML 5Page - Linear Technology LTC6951 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2226Afa
DEMO MANUAL DC2226A
QUICK START PROCEDURE
+6V
+3V
ANALOG
INPUTS
GROUND
DC2226 F02
USB TO
HOST PC
12V FROM ADAPTER
SUPPLIED WITH KC705
Figure 2. Basic Connections



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com