Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6951 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6951
Description  Multichannel JESD204B ADC with Clocking
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6951 Datasheet(HTML) 5 Page - Linear Technology

  LTC6951 Datasheet HTML 1Page - Linear Technology LTC6951 Datasheet HTML 2Page - Linear Technology LTC6951 Datasheet HTML 3Page - Linear Technology LTC6951 Datasheet HTML 4Page - Linear Technology LTC6951 Datasheet HTML 5Page - Linear Technology LTC6951 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
dc2226Afa
DEMO MANUAL DC2226A
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
HARDWARE SETUP
DC2226A Power Connections
E14: +6V Power Input. Connect to a low-noise supply set
to a current limit of 2A.
E12: +3V Power Input. Connect to a low-noise supply set
to a current limit of 2A.
E1, E9: GND - Ground connections for power supplies.
E5, E8: 1.8V test points. Measure 1.8V supply voltages
at these points. (Measurement only, do not apply power.)
E4, E6, E11: 3V3_1, 3V3_2, 3V3_3 test points. Measure
3.3V supply voltages at these points. (Measurement only,
do not apply power.)
E7, E13: 5V_1, 5V_2 test points. Measure 5V supply
voltages at these points. (Measurement only, do not ap-
ply power.)
DC2226A Signal Connections
J2, J3: Analog inputs for U1, 50Ω impedance. Maximum
signal level is 1.5VP-P.
J4, J5: Analog inputs for U3, 50Ω impedance. Maximum
signal level is 1.5VP-P.
J1:ExternalReferenceClockInput.Notconnected,requires
component changes, refer to schematic.
J6: FMC HPC interface to FPGA carrier board.
APPENDIX A
Xilinx KC705 Based Evaluation System
The DC2226A system consists of the DC2226A itself,
a Xilinx KC705 FPGA evaluation board, a DC2159 USB
communication board, and a host PC running the various
test programs. Complete systems that ship from Linear
Technology will have the KC705 board configured to
automatically load the default FPGA image for DC2226A
from the onboard configuration EEPROM. The procedure
for bringing up the system is as follows:
1) Iftheboardswereobtainedseparately,assemblethem
as shown in Figure 1 (FMC connectors are fragile,
make sure they are properly aligned before seating.)
2) Connect power supply to the KC705 board and turn
on the power switch. If the assembled system was
obtained from Linear Technology, the FPGA bitstream
willloadautomaticallyfromtheonboardconfiguration
memory.
3) Boards not obtained from Linear Technology will need
to be configured as described in the Alternate FPGA
Configuration section.
4) Apply power and analog input signals to the DC2226A
board.
5) Verify that PScope software is installed. Connect
DC2159 to the host PC with a USB-mini cable. Driver
installation will start automatically and PScope will
recognize the system when installation finishes. Quit
PScope and run Matlab/Python test scripts.
Note: Power must be applied to the KC705 board when
the USB cable is connected or the driver installation will
not complete properly.
Alternate FPGA Configuration
KC705 boards not obtained from Linear Technology will
need to be configured via JTAG. FPGA images are located
in the PScope installation directory in the FPGA_images
folder. Connect a USB micro cable to the JTAG USB con-
nector on the KC705 board and use a Xilinx tool such as
Impact or Vivado Lab Edition to load the bitfile. Once the
FPGA is configured, remove the USB cable and exit the
software. (The onboard JTAG adapter and the DC2159
USB communication board use the same USB controller
and they may interfere with one another.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com