Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7003 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC7003
Description  Fast 60V Protected High Side NMOS Static Switch Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7003 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC7003 Datasheet HTML 9Page - Linear Technology LTC7003 Datasheet HTML 10Page - Linear Technology LTC7003 Datasheet HTML 11Page - Linear Technology LTC7003 Datasheet HTML 12Page - Linear Technology LTC7003 Datasheet HTML 13Page - Linear Technology LTC7003 Datasheet HTML 14Page - Linear Technology LTC7003 Datasheet HTML 15Page - Linear Technology LTC7003 Datasheet HTML 16Page - Linear Technology LTC7003 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC7003
13
7003f
For more information www.linear.com/LTC7003
APPLICATIONS INFORMATION
Cooldown Period and Restart
As soon as TIMER reaches 1.4V, TGDN is pulled to TS in an
overcurrent fault condition and the TIMER pin starts dis-
charging with a 2.5µA current. When TIMER reaches 0.4V,
TIMER charges with a 2.5µA current. When TIMER reaches
1.4V, it starts discharging again with a 2.5µA current. This
pattern repeats 32 times to form a long cooldown timer
period (TCOOL_DOWN) before retry (Figure 5).
If INP is cycled low, TGDN will be pulled to TS and TIMER
will be pulled low with an internal 100kΩ resistor. If INP is
cycled low during the cooldown period, the timer counter
will be reset. If INP then goes high, TGUP will pulled to
BST and the fault timer will be reactivated with the TIMER
voltage starting from it’s current value.
At the end of the cooldown period (when TIMER drops
below 0.4V for the 32nd time), the LTC7003 retries, pull-
ing TGUP to BST and turning on the external MOSFET. The
FAULT pin will then go to a high impedance state. The total
cooldown timer period is given by:
TCOOL_DOWN =
63 • 1.0V • CTIMER
2.5µA
The retry duty cycle in percent is to a first order indepen-
dent of CT and is defined by:
D =
100 • TOVER_CURRENT
TOVER_CURRENT + TCOOL_DOWN
To defeat the automatic retry, place a 100kΩ resistor in
parallel with the TIMER capacitor. Note that the time to
turn off from an overcurrent fault will be increased by 7%
and the FAULT pin will remain low indicating a fault has
occurred. To get the LTC7003 to retry and to clear the
fault flag the INP signal needs to cycle low then back high.
Typical turn-off times and cooldown periods for some
standard value timer capacitors are shown Table 1:
Table 1. Fault Time for Typical Capacitors
CTIMER
(nF)
TOVER_CURRENT
(µs)
TCOOL_DOWN
(s)
Retry Duty Cycle
%
<0.1
1.4
0.0005
0.28
1
14
0.025
0.06
10
140
0.250
0.06
100
1400
2.500
0.06
COOLDOWN PERIOD (TCOOL_DOWN)
7003 F05
TIMER
∆VSNS
V(TG-TS)
(TGUP SHORTED TO TGDN)
FAULT
>30mV
<30mV
0.4V
1ST
2ND
31ST
32ND
INP
1.30V
1.40V
Figure 5. Auto Retry Cool-Down Timer Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com