Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7003 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC7003
Description  Fast 60V Protected High Side NMOS Static Switch Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7003 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC7003 Datasheet HTML 16Page - Linear Technology LTC7003 Datasheet HTML 17Page - Linear Technology LTC7003 Datasheet HTML 18Page - Linear Technology LTC7003 Datasheet HTML 19Page - Linear Technology LTC7003 Datasheet HTML 20Page - Linear Technology LTC7003 Datasheet HTML 21Page - Linear Technology LTC7003 Datasheet HTML 22Page - Linear Technology LTC7003 Datasheet HTML 23Page - Linear Technology LTC7003 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC7003
21
7003f
For more information www.linear.com/LTC7003
TYPICAL APPLICATIONS
0.1µF
7003 TA04a
LTC7003
0.005
BSC047N08NS3
LOAD
3.5V TO 48V
10A CONTINUOUS MAX
VIN
3.5V TO 48V
(60V TOLERANT)
100k
150k
GND
OVLO
FAULT
VCC
TIMER
1µF
1nF
464k
12.1k
SNS+
SNS–
TGUP
TGDN
VIN
RUN
INP
BST
TS
ISET
IMON
VCCUV
ON
OFF
0.1µF
SNS+
SNS–
TGUP
TGDN
VIN
INP
IMON
ISET
RUN
7003 TA05a
LTC7003
0.04
BSC047N08NS3
LOAD
3.5V TO 60V
0.5A CONTINUOUS
VIN
3.5V TO 60V
100k
RTIMER
GND
VCC
FAULT
TIMER
1µF
10nF
BST
TS
ON
OFF
VCCUV
OVLO
12/100ms LOAD PULSE
RTIMER = OPEN
100ms/DIV
RLOAD
10k/DIV
ILOAD
1A/DIV
VLOAD
10V/DIV
VTIMER
1A/DIV
7003 TA05b
VIN = 12V
VINP = 4V
12/100mS LOAD PULSE
RTIMER = 100k
100ms/DIV
RLOAD
10k/DIV
ILOAD
1A/DIV
VLOAD
10V/DIV
VTIMER
1V/DIV
7003 TA05c
VIN = 12V
VINP = 4V
High Side Switch with Input Overvoltage and Overcurrent Protection
High Side Switch with Overcurrent Protection and Fault Latchoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com