Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7003 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC7003
Description  Fast 60V Protected High Side NMOS Static Switch Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7003 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC7003 Datasheet HTML 16Page - Linear Technology LTC7003 Datasheet HTML 17Page - Linear Technology LTC7003 Datasheet HTML 18Page - Linear Technology LTC7003 Datasheet HTML 19Page - Linear Technology LTC7003 Datasheet HTML 20Page - Linear Technology LTC7003 Datasheet HTML 21Page - Linear Technology LTC7003 Datasheet HTML 22Page - Linear Technology LTC7003 Datasheet HTML 23Page - Linear Technology LTC7003 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC7003
20
7003f
For more information www.linear.com/LTC7003
TYPICAL APPLICATIONS
Protected Redundant Supply Switchover with Shoot Through Protection
Source Side Current Sense
LOAD
10A CONTINUOUS
1µF
TS
BST
TS
BST
VIN
RUN
VIN
RUN
FAULT
VCCUV
IMON
ISET
0.002
2×
BSC057N08NS3G
0.002
2×
BSC057N08NS3G
1nF
10k
10
10
SNS+
SNS+
SNS–
SNS–
TGDN
TGDN
TGUP
TGUP
7003 TA03
LTC7003
VBACKUP
7V TO 60V
MAIN POWER
7V TO 60V
100k
0.1µF
0.1µF
1nF
1µF
1µF
200k
6.98k
GND
LTC7003
GND
VCCUV
IMON
ISET
VCC
TIMER
OVLO
VCC
INP
TIMER
OVLO
INP
FAULT
NOTE:
THE BACKUP PATH WILL
LATCH-OFF WITH AN
OVERCURRENT FAULT.
VMAIN Falling Through 33V
VMAIN Rising Through 36V
VLOAD vs Main Power Voltage
VBACKUP = 60V
MAIN POWER (V)
0
10
20
30
40
50
60
70
30
40
50
60
70
7003 TA03b
VBACKUP = 60V
40µs/DIV
VLOAD
20V/DIV
VTG–TS
BACKUP
10V/DIV
VTG–TS
MAIN
10V/DIV
7003 TA03c
VBACKUP = 60V
2µs/DIV
VLOAD
20V/DIV
VTG–TS
BACKUP
10V/DIV
VTG–TS
MAIN
10V/DIV
7003 TA03d
SI7852ADP
0.1µF
1nF
1µF
1µF
0.02
100k
10nF
VIN
3.5V to 60V
LOAD
3.5V to 60V
1A CONTINOUS MAX
VIN
VCC
FAULT
TIMER
INP
SNS+
SNS–
BST
TGUP
TGDN
TS
LTC7003
VCCUV
GND
OFF ON
ISET
IMON
OVLO
RUN
7003 TA02
NOTE:
WITH THE SENSE RESISTOR ON THE
SOURCE SIDE OF THE EXTERNAL MOSFET,
THE LOAD NEEDS TO RISE HIGHER THAN
3.5V WITHIN 140µSEC OF INP GOING
HIGH OR A FAULT WILL BE INDICATED
AND THE LTC7003 WILL RETRY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com