Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6519 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6519
Description  5A, 28V H-Bridge Current Regulator Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6519 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6519 Datasheet HTML 1Page - Monolithic Power Systems MP6519 Datasheet HTML 2Page - Monolithic Power Systems MP6519 Datasheet HTML 3Page - Monolithic Power Systems MP6519 Datasheet HTML 4Page - Monolithic Power Systems MP6519 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV6519-Q-00A-5A, 28V H-BRIDGE CURRENT REGULATOR EVALUATION BOARD
EV6519-Q-00A Rev. 1.0
www.MonolithicPower.com
3
12/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV6519-Q-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
2
C1, C5
100
μF
Electrolytic
Capacitor;
35V;Electrolytic
DIP
Jianghai
CD287-35V100
1
C2
47nF
Ceramic
Capacitor;
50V;X7R;0402
0402
TDK
C1608X7R1H473K
1
C3
470pF
Ceramic
Capacitor;
50V;X7R;0402
0402
muRata
GRM188R71H471KA01D
4
C4, C8,
C9,C11
100nF
Ceramic
Capacitor;
50V;X7R;0402
0402
TDK
C1005X7R1H104K
2
C6, C7
4.7
μF
Ceramic
Capacitor;
50V;X7R;1210;
1210
muRata
GRM32ER71H475KA88L
1
C10
1
μF
Ceramic
Capacitor;
25V;X7R;0402
0402
muRata
GRM155R61E105KA12
2
D1, D2
NS
4
R1, R7,
R12,R14
NS
4
R2, R5,
R6, R15
10k
Film Resistor;1%
0402
Yageo
RC0402FR-0710KL
1
R3
100k
Film Resistor;1%
0402
Yageo
RC0402FR-07100KL
3
R4, R8,
R10
10
Film Resistor;1%
0402
Yageo
RC0402FR-0710RL
2
R9, R13
0
Film Resistor;1%
0402
Yageo
RC0402FR-070RL
1
R11
50m
Film Resistor;1%
3720
CYNTEC
RL3720WT-R050-FN
4
VIN,
GND,
LP, LN
Connector; 2MM
7
AGND,
PWM,
FT,
MODE,
EN
Test point
1
U1
MP6519GQ
Step
down
current driver
QFN-19
(3mmx3mm)
MPS
MP6519GQ-R2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com