Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6519 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6519
Description  5A, 28V H-Bridge Current Regulator Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6519 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6519 Datasheet HTML 1Page - Monolithic Power Systems MP6519 Datasheet HTML 2Page - Monolithic Power Systems MP6519 Datasheet HTML 3Page - Monolithic Power Systems MP6519 Datasheet HTML 4Page - Monolithic Power Systems MP6519 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV6519-Q-00A-5A, 28V H-BRIDGE CURRENT REGULATOR EVALUATION BOARD
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV6519-Q-00A Rev. 1.0
www.MonolithicPower.com
5
12/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
QUICK START GUIDE
1. Power Requirements
a. Power supply range: 2.5V to 28V, 5A Max.
VIN
GND
MP6519 Demo Board
MPS
U1
EV6519-Q-00A
FT
AGND
PWM
MODE
LN
LP
AGND
AGND
EN
R11
Figure 5
— EV6519-Q-00A Bird’s-eye View
2. Setup Condition
a. Adjust the power supply VIN with recommended operating range (2.5V to 28V).
b. Connect proper load to LN and LP terminals.
c. Apply external PWM signal with frequency range, 20kHz to 100kHz.
d. Apply EN voltage (5V or 3.3V tolerance).
e. Current direction is controlled by MODE pin, L=reverse, H=forward. MODE=H as default.
f. The full-scale current reference value is set by R11. If the full-scale current reference is set, the
actual output current sent to the error amplifier can be further controlled by applying a PWM input signal
to PWM. Refer to the DS for details.
3. Monitors
a. FT on the evaluation board indicates Over Temperature Protection and Over Current Protection.
This is an open drain output with onboard 10k ohm pull-up resistor.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com