Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6519 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6519
Description  5A, 28V H-Bridge Current Regulator Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6519 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6519 Datasheet HTML 1Page - Monolithic Power Systems MP6519 Datasheet HTML 2Page - Monolithic Power Systems MP6519 Datasheet HTML 3Page - Monolithic Power Systems MP6519 Datasheet HTML 4Page - Monolithic Power Systems MP6519 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV6519-Q-00A
5A, 28V
H-Bridge Current Regulator
Evaluation Board
EV6519-Q-00A Rev. 1.0
www.MonolithicPower.com
1
12/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The EV6519-Q-00A is an evaluation board for
the MP6519, a monolithic, step-down, current-
source driver. It operates from a supply voltage
of up to 28V and can deliver current up to 5A.
The four integrated MOSFET H-bridge control
provide a fast dynamic load response and an
ultra-high efficiency solution. For ease of use,
the output polarity can be controlled by pulling
MODE high or low.
Full Protection features include load open, load-
short protection, OCP, OTP, OVP.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.5
– 28
V
Maximum
Output
Current
IOUT-L
5
A
FEATURES
 Wide 2.5V to 28V Input Voltage Range
 Up to 5A Output Peak Current
 ±2% Accuracy at Full-Scale Reference
 65mΩ R
DS(ON) for Each MOSFET of H-Bridge
 30kHz to 300kHz Programmable Switching
Frequency
 20k-100kHz PWM Input for Current Regulation
 Programmable Full-Scale Current
 Selectable Current Polarity Mode
 Open-Load Protection, OCP, OTP, OVP
APPLICATIONS
 Current Regulators
 DC Motors
 Solenoid/Actuators
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV6519-Q-00A EVALUATION BOARD
(L x W x H) 3.25
” x 3.25” x 0.4”
(8.13cm x 8.13cm x 1cm)
Board Number
MPS IC Number
EV6519-Q-00A
MP6519


Similar Part No. - MP6519

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6510 MPS-MP6510 Datasheet
511Kb / 11P
4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
MP6510DM-LF MPS-MP6510DM-LF Datasheet
511Kb / 11P
4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
MP6513 MPS-MP6513 Datasheet
472Kb / 11P
2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
MP6513GJ MPS-MP6513GJ Datasheet
472Kb / 11P
2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
MP6513L MPS-MP6513L Datasheet
527Kb / 11P
2.5V - 5.5V, 0.6A, H-Bridge Motor Driver in a TSOT23-6
More results

Similar Description - MP6519

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
1-Channel H-Bridge Driver Evaluation Board
logo
Monolithic Power System...
MP8046 MPS-MP8046 Datasheet
234Kb / 9P
28V, 5A Dual Channel Power Half-Bridge
EV6515-F-00A MPS-EV6515-F-00A Datasheet
508Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
EV6516-F-00A MPS-EV6516-F-00A Datasheet
497Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
logo
Alpha & Omega Semicondu...
AOZ2152EQI-28 AOSMD-AOZ2152EQI-28 Datasheet
1Mb / 15P
28V/5A Synchronous EZBuckTM Regulator
Rev 1.2 October 2018
logo
Monolithic Power System...
MP6619 MPS-MP6619 Datasheet
1Mb / 14P
5.4V to 28V, 5A,H-Bridge Motor Driver
Rev. 1.0 1/21/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com