Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6901DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6901DS
Description  High Efficiency Synchronous Rectification EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6901DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6901DS Datasheet HTML 1Page - Monolithic Power Systems MP6901DS Datasheet HTML 2Page - Monolithic Power Systems MP6901DS Datasheet HTML 3Page - Monolithic Power Systems MP6901DS Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV6901DS-00A – HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD
EV6901DS-00A Rev. 1.0
www.MonolithicPower.com
2
10/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
NS
MOSFET
NS
EV3908DK-00C BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Manufacturer P/N
1
C1
2.2uF
Ceramic Cap. 25V X7R
0805
muRata
GRM21BR71E225KA73L
2
C2
NS
0603
2
R1,R3
0
Film Res, 5%
0603
Yageo
RC0603JR-070RL
1
R2
NS
0603
1
Q1
SUP90N10 N-CH, 100V, 9mΩ
TO220
Vishay
SUP90N10-8M8P
1
Q2
NS
PowerPAK-
SO8
1
D1,D2
NS
1
D3
1N4148
1
U1
MP6901DS MP6901DS
SO-8
MPS
MP6901DS
1
U2
NS
SOT23-5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com