Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6901DS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6901DS
Description  High Efficiency Synchronous Rectification EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6901DS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6901DS Datasheet HTML 1Page - Monolithic Power Systems MP6901DS Datasheet HTML 2Page - Monolithic Power Systems MP6901DS Datasheet HTML 3Page - Monolithic Power Systems MP6901DS Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV6901DS-00A – HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV6901DS-00A Rev. 1.0
www.MonolithicPower.com
4
10/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the power supply to the VDD and PGND pins,
respectively.
2. Preset the power supply output 8V~24V, then turn off the power supply.
3. Connect the Drain and Source and Gate terminals of the synchronous power MOSFET to the VD
and VS and VG pins, respectively (There is already a 100V power MOSFET Q1 connected on the
board, if the customer do not want to use this MOS as synchronous MOSFET, you can remove this
Q1 and use your own MOSFET instead).
4. Turn the power supply on. The IC will automatically startup and drive the synchronous MOSFET
Q1 to work as an ideal diode.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com