Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6901DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6901DS
Description  High Efficiency Synchronous Rectification EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6901DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6901DS Datasheet HTML 1Page - Monolithic Power Systems MP6901DS Datasheet HTML 2Page - Monolithic Power Systems MP6901DS Datasheet HTML 3Page - Monolithic Power Systems MP6901DS Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV6901DS-00A
High Efficiency
Synchronous Rectification EV Board
EV6901DS-00A Rev. 1.0
www.MonolithicPower.com
1
10/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV6901DS-00A is an evaluation board for
the MP6901DS. It is configured to provide
synchronous
rectification
solution
for
Flyback/LLC topology.
MP6901DS features a synchronous gate output
which enables high efficiency rectification by
relating the schottky rectifier with a low Ron
MOSFET.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply voltage
VDD
8–24
V
FEATURES
• Works with both Standard and Logic Level
FETS
• Compatible with Energy Star, 1W Standby
Requirements
• VDD Range From 8V to 24V
• Fast Turn-off Total Delay of 20ns
• Max 400kHz Switching Frequency
• <3mA Low Quiescent Current
• Supports CCM, DCM and Quasi-Resonant
Topologies
• Supports
High-side
and
Low-side
Rectification
• Power Savings of Up to 1.5W in a Typical
Notebook Adapter
APPLICATIONS
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
• Flyback/LLC Converters
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
EV6901DS-00A EVALUATION BOARD
(L x W x H) 1.14” x 1.14” x 0.6”
2.9cm x 2.9cm x 1.4cm
Board Number
MPS IC Number
EV6901DS-00A
MP6901DS


Similar Part No. - MP6901DS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP6901 TOSHIBA-MP6901 Datasheet
170Kb / 7P
High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP6901 TOSHIBA-MP6901 Datasheet
229Kb / 7P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP6901 TOSHIBA-MP6901_07 Datasheet
229Kb / 7P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results

Similar Description - MP6901DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6902DS-00A MPS-EV6902DS-00A Datasheet
170Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6902-S-00B MPS-EV6902-S-00B Datasheet
193Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6903DS-00A MPS-EV6903DS-00A Datasheet
186Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6905-S-00A MPS-EV6905-S-00A Datasheet
221Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6906-S-00A MPS-EV6906-S-00A Datasheet
169Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6910A-S-00A MPS-EV6910A-S-00A Datasheet
416Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6920-N-00A MPS-EV6920-N-00A Datasheet
142Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6922DS-00A MPS-EV6922DS-00A Datasheet
176Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6923-S-00A MPS-EV6923-S-00A Datasheet
211Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6924-S-00A MPS-EV6924-S-00A Datasheet
325Kb / 5P
High Efficiency Synchronous Rectification EV Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com