Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3607 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3607
Description  Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3607 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3607 Datasheet HTML 9Page - Linear Technology LTC3607 Datasheet HTML 10Page - Linear Technology LTC3607 Datasheet HTML 11Page - Linear Technology LTC3607 Datasheet HTML 12Page - Linear Technology LTC3607 Datasheet HTML 13Page - Linear Technology LTC3607 Datasheet HTML 14Page - Linear Technology LTC3607 Datasheet HTML 15Page - Linear Technology LTC3607 Datasheet HTML 16Page - Linear Technology LTC3607 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3607
13
3607fb
For more information www.linear.com/LTC3607
As an example, consider the case when the LTC3607 is in
dropout on both channels at an input voltage of 5V with
a load current of 600mA and an ambient temperature
of 25°C. From the Typical Performance Characteristics
graph of Switch Resistance, the RDS(ON) resistance of
the main switch is 0.9Ω. Therefore, power dissipated by
each channel is:
PD = I2 • RDS(ON) = 324mW
Running the two regulator channels under the same con-
ditions will result in a total power dissipation of 0.648W.
TheMSEpackagejunction-to-ambientthermalresistance,
θJA, is 37°C/W. Therefore, the junction temperature of
the regulator operating in a 25°C ambient temperature is
approximately:
TJ = 0.648W • 37°C/W + 25°C = 49°C
Design Example
As a design example, consider using the LTC3607 in a
portable application with a dual lithium-ion battery. The
battery provides a VIN = 5.6V to 8.4V. The loads require a
maximum of 600mA in active mode and 2mA in standby
mode. The output voltages are VOUT1 = 3.3V and VOUT2
= 2.5V. Since the load still needs power in standby, Burst
Mode operation is selected for good light load efficiency.
First, calculate the inductor values for about 240mA ripple
current at maximum VIN:
L1=
3.3V
2.25MHz •240mA
• 1–
3.3V
8.4V
 = 3.7µH
Choosingthecloseststandardizedinductorvalueof3.3μH
results in a maximum ripple current of:
∆IL1=
3.3V
2.25MHz •3.3µH
• 1– 3.3V
8.4V
=270mA
The same calculations for L2 result in a standard inductor
value of 3.3µH and a maximum current ripple of 236mA.
For cost reasons, a ceramic capacitor will be used. COUT
selection is then based on load step droop instead of ESR
requirements. For a 5% output droop:
COUT1≈5•
600mA
2.25MHz •(5%•3.3V)
=8.1 µF
COUT2≈5•
600mA
2.25MHz •(5%•2.5V)
=10.7 µF
For both outputs, a close standard value is 10µF. Since
the output impedance of a lithium-ion battery is very low,
each CIN is chosen to be 10µF also.
The output voltages can now be programmed by choosing
the values of R1 thru R4. To maintain high efficiency, the
current in these resistors should be kept small. Choosing
5µA with the 0.6V feedback voltage makes R2 and R4 ~
120k. Close standard 1% resistor values is 121k and then
R1 and R3 are 549k and 383k, respectively.
The PGOOD pins are common drain outputs, thus requir-
ing pull-up resistors. Two 100k resistors are used for
adequate speed.
Figure 1 shows the complete schematic for this design
example. The specific passive components chosen allow
for a 1mm height power supply that maintains a high ef-
ficiency across load.
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3607. These items are also illustrated graphically
in the layout diagram of Figure 2. Check the following in
your layout:
1. Do the input capacitors CIN connect to PVIN1, PVIN2,
PGND1, and PGND2 as closely as possible? These ca-
pacitors provides the AC current to the internal power
MOSFETs and their drivers.
2. Are COUT and L closely connected? The (–) plate of
COUT returns current to GND and the (–) plate of CIN.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com