Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3607 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3607
Description  Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3607 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3607 Datasheet HTML 12Page - Linear Technology LTC3607 Datasheet HTML 13Page - Linear Technology LTC3607 Datasheet HTML 14Page - Linear Technology LTC3607 Datasheet HTML 15Page - Linear Technology LTC3607 Datasheet HTML 16Page - Linear Technology LTC3607 Datasheet HTML 17Page - Linear Technology LTC3607 Datasheet HTML 18Page - Linear Technology LTC3607 Datasheet HTML 19Page - Linear Technology LTC3607 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3607
20
3607fb
For more information www.linear.com/LTC3607
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
LINEAR TECHNOLOGY CORPORATION 2013
LT 0814 REV B • PRINTED IN USA
VFB1
VFB2
RUN1
SW1
RUN2
SW2
LTC3607
GND
3607 TA05
CIN
10µF
×2
VIN
5.6V TO 8.4V
SVIN
PVIN1
PVIN2
VOUT1
1.8V
AT 600mA
CIN: TDK C2012X5R1C106K/0.85
COUT1, COUT2: TDK C2012X5R0JI06K/0.85
L1: MURATA LQM2HPN2R2MGS
L2: MURATA LQM2HPN3R3MGS
VOUT2
3.3V
AT 600mA
L1, 2.2µH
L2, 3.3µH
COUT1
10µF
R2
121k
R1
243k
C1, 22pF
COUT2
10µF
R4
121k
R3
549k
C2, 22pF
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LTC3601
15V, 1.5A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, 3mm × 3mm QFN-16, MSOP-16E
LTC3603
15V, 2.5A (IOUT), 3MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, 4mm × 4mm QFN-20, MSOP-16E
LTC3633
15V, Dual 3A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V, 4mm × 5mm QFN-28, TSSOP-28E
LTC3605
15V, 5A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4V to 15V, 4mm × 4mm QFN-24
LTC3604
15V, 2.5A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V, 3mm × 3mm QFN-16, MSOP-16E
LTC3417A-2
5.5V, Dual 1.5A/1A, 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN = 2.3V, 3mm × 5mm DFN-16, TSSOP-16E
LTC3407A/-2
5.5V, Dual 600mA/600mA 1.5MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN = 2.5V, 3mm × 3mm DFN-10, MS-10E
LTC3419/-1
5.5V, Dual 600mA/600mA 2.25MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN = 2.5V, 3mm × 3mm DFN-10, MS-10
LTC3548A-1/-2
5.5V, Dual 400mA and 800mA IOUT, 2.25MHz,
Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN = 2.5V, 3mm × 3mm DFN-10, MS-10E
LTC3547/
LTC3547B
5.5V, Dual Monolithic 300mA, 2.25MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN = 2.5V, IQ = 40µA, ISD < 1µA,
3mm × 2mm DFN-8
LTC3621
17V, 1A (IOUT), 2.25MHz Synchronous Step-Down DC/DC
Converter with 3.5µA IQ
95% Efficiency, VIN = 2.7V to 17V, 3mm × 2mm DFN-6, MS-8E
1mm Height, 1.8V/3.3V Buck Regulator Using Chip Inductors
10mm
3607 TA06
11mm
COUT1
COUT2
VOUT1
VOUT2
L1
L2
VIN
CIN
CIN
GND
GND
VIA TO VIN
1
2
3
4
5 6 7 8
17
12
11
10
9
C1
R2
R1
C2
R4
R3
16 15 14 13
VIA TO VOUT1
VIA TO VOUT2
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com