Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3607 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3607
Description  Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3607 Datasheet(HTML) 2 Page - Linear Technology

  LTC3607 Datasheet HTML 1Page - Linear Technology LTC3607 Datasheet HTML 2Page - Linear Technology LTC3607 Datasheet HTML 3Page - Linear Technology LTC3607 Datasheet HTML 4Page - Linear Technology LTC3607 Datasheet HTML 5Page - Linear Technology LTC3607 Datasheet HTML 6Page - Linear Technology LTC3607 Datasheet HTML 7Page - Linear Technology LTC3607 Datasheet HTML 8Page - Linear Technology LTC3607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3607
2
3607fb
For more information www.linear.com/LTC3607
pin conFiguraTion
absoluTe MaxiMuM raTings
PVIN, SVIN Voltages.................................... –0.3V to 15V
RUN1, RUN2 Voltages................. –0.3V to (SVIN + 0.3V)
VFB1, VFB2 Voltages................................... –0.3V to 3.6V
MODE/SYNC Voltage................................. –0.3V to 3.6V
PGOOD1, PGOOD2 Voltages...................... –0.3V to 15V
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
MODE/SYNC
PGOOD1
SVIN
PGND1
SGND
PGOOD2
SGND
PGND2
17
PGND
TJMAX = 125°C, θJA = 68°C/W, θJC = 7.5°C/W
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
SVIN
PGND1
SW1
PVIN1
PVIN2
SW2
PGND2
SGND
16
15
14
13
12
11
10
9
PGOOD1
MODE/SYNC
RUN1
VFB1
VFB2
RUN2
SGND
PGOOD2
TOP VIEW
17
PGND
MSE PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 37°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3607EUD#PBF
LTC3607EUD#TRPBF
LFNB
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C (Note 2)
LTC3607IUD#PBF
LTC3607IUD#TRPBF
LFNB
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C (Note 2)
LTC3607EMSE#PBF
LTC3607EMSE#TRPBF
3607
16-Lead Plastic MSOP
–40°C to 125°C (Note 2)
LTC3607IMSE#PBF
LTC3607IMSE#TRPBF
3607
16-Lead Plastic MSOP
–40°C to 125°C (Note 2)
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range
(Notes 2, 7)............................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package .................................................300°C
orDer inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com