Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7130 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7130
Description  20V 20A Monolithic Buck Converter with Ultralow DCR Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7130 Datasheet(HTML) 2 Page - Linear Technology

  LTC7130 Datasheet HTML 1Page - Linear Technology LTC7130 Datasheet HTML 2Page - Linear Technology LTC7130 Datasheet HTML 3Page - Linear Technology LTC7130 Datasheet HTML 4Page - Linear Technology LTC7130 Datasheet HTML 5Page - Linear Technology LTC7130 Datasheet HTML 6Page - Linear Technology LTC7130 Datasheet HTML 7Page - Linear Technology LTC7130 Datasheet HTML 8Page - Linear Technology LTC7130 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC7130
2
7130fb
For more information www.linear.com/LTC7130
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage.................................. –0.3V to 20V
EXTVCC, RUN, PGOOD................................. –0.3V to 6V
SNSD+, SNSA+, SNS– Voltages.............–0.3V to INTVCC
MODE/PLLIN, ILIM, TK/SS, FREQ.........–0.3V to INTVCC
DIFFP, DIFFN .........................................–0.3V to INTVCC
ITEMP, ITH, VFB Voltages......................–0.3V to INTVCC
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Peak Solder Reflow Body Temperature .................260°C
(Note 1)
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VRUN = 5V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VIN
Input Voltage Range
(Note 3)
4.5
20
V
VOUT
Output Voltage Range
with Diffamp Low DCR Sensing
without Diffamp and No Low DCR Sensing
0.6
0.6
3.5
5.5
V
V
VFB
Regulated Feedback Voltage
Current ITH Voltage = 1.2V (Note 4)
–40°C to 85°C
–40°C to 125°C
l
l
0.597
0.5955
0.6
0.6
0.603
0.6045
V
V
1
A
B
C
D
E
F
G
H
J
2
3
4
TOP VIEW
BGA PACKAGE
63-PIN (6.25mm
× 7.5mm × 2.22mm)
5
6
7
VIN
SW
INTVCC
GND
GND
BOOST
SGND
NC1
NC2
DIFFN DIFFP DIFFOUT ITH
VFB
SNSD+
FREQ
SNS–
TK/SS RUN
SNSA+
ITEMP
ILIM CLKOUT
MODE/
PLLIN
SVIN
EXTVCC
PGOOD
TJMAX = 125°C, θJA = 21°C/W, θJC = 10°C/W
θJA DERIVED FROM LTC7130 DEMO BOARD, Weight = 0.24g
PIN CONFIGURATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTC7130EY#PBF
SAC305 (RoHS)
LTC7130
e1
BGA
3
–40°C to 125°C
LTC7130IY#PBF
SAC305 (RoHS)
LTC7130
e1
BGA
3
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more
information, go to www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/BGA-assy
• BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/BGA-assy
ORDER INFORMATION
(http://www.linear.com/product/LTC7130#orderinfo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com