Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7130 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC7130
Description  20V 20A Monolithic Buck Converter with Ultralow DCR Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7130 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC7130 Datasheet HTML 17Page - Linear Technology LTC7130 Datasheet HTML 18Page - Linear Technology LTC7130 Datasheet HTML 19Page - Linear Technology LTC7130 Datasheet HTML 20Page - Linear Technology LTC7130 Datasheet HTML 21Page - Linear Technology LTC7130 Datasheet HTML 22Page - Linear Technology LTC7130 Datasheet HTML 23Page - Linear Technology LTC7130 Datasheet HTML 24Page - Linear Technology LTC7130 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC7130
21
7130fb
For more information www.linear.com/LTC7130
maximum RMS current of one channel must be used. The
maximum RMS capacitor current is given by:
CIN Required IRMS ≈
IMAX
VIN
VOUT
(
) VIN – VOUT
(
)
⎡⎣
⎤⎦
1/2
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
donotoffermuchrelief.Notethatcapacitormanufacturers’
ripple current ratings are often based on only 2000 hours
of life. This makes it advisable to further derate the capaci-
tor, or to choose a capacitor rated at a higher temperature
thanrequired.Severalcapacitorsmaybeparalleledtomeet
size or height requirements in the design. Due to the high
operating frequency of the LTC7130, ceramic capacitors
can also be used for CIN. Always consult the manufacturer
if there is any question.
Ceramic capacitors are becoming very popular for small
designsbutseveralcautionsshouldbeobserved.X7R,X5R
and Y5V are examples of a few of the ceramic materials
used as the dielectric layer, and these different dielectrics
have very different effect on the capacitance value due to
thevoltageandtemperatureconditionsapplied.Physically,
if the capacitance value changes due to applied voltage
change, there is a concomitant piezo effect which results
in radiating sound! A load that draws varying current at
an audible rate may cause an attendant varying input volt-
age on a ceramic capacitor, resulting in an audible signal.
A secondary issue relates to the energy flowing back into
a ceramic capacitor whose capacitance value is being
reducedbytheincreasingcharge.Thevoltagecanincrease
ataconsiderablyhigherratethantheconstantcurrentbeing
supplied because the capacitance value is decreasing as
thevoltageisincreasing!Nevertheless,ceramiccapacitors,
when properly selected and used, can provide the lowest
overall loss due to their extremely low ESR.
A small (0.1µF to 1µF) bypass capacitor, CIN, between the
chip VIN pin and ground, placed close to the LTC7130, is
also suggested. A 2.2Ω to 10Ω resistor placed between
CIN and VIN pin provides further isolation.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically once the ESR require-
ment is satisfied the capacitance is adequate for filtering.
The steady-state output ripple (∆VOUT) is determined by:
∆VOUT ≈ ∆IRIPPLE ESR+
1
8fCOUT
⎛
⎝
⎜
⎞
⎠
⎟
where f = operating frequency, COUT = output capacitance
and ∆IRIPPLE = ripple current in the inductor. The output
ripple is highest at maximum input voltage since ∆IRIPPLE
increases with input voltage. The output ripple will be less
than 50mV at maximum VIN with ∆IRIPPLE = 0.4IOUT(MAX)
assuming:
COUT required ESR < N • RSENSE
and
COUT >
1
8f
( ) RSENSE
(
)
TheemergenceofverylowESRcapacitorsinsmall,surface
mount packages makes very small physical implementa-
tions possible. The ability to externally compensate the
switching regulator loop using the ITH pin allows a much
wider selection of output capacitor types. The impedance
characteristic of each capacitor type is significantly differ-
ent than an ideal capacitor and therefore requires accurate
modelingorbenchevaluationduringdesign.Manufacturers
suchasNichicon,NipponChemi-ConandSanyoshouldbe
consideredforhighperformancethrough-holecapacitors.
TheOS-CONsemiconductordielectriccapacitorsavailable
from Sanyo and the Panasonic SP surface mount types
have a good (ESR)(size) product.
OncetheESRrequirementforCOUThasbeenmet,theRMS
currentratinggenerallyfarexceedstheIRIPPLE(P-P)require-
ment. Ceramic capacitors from AVX, Taiyo Yuden, Murata
and TDK offer high capacitance value and very low ESR,
especially applicable for low output voltage applications.
In surface mount applications, multiple capacitors may
have to be paralleled to meet the ESR or RMS current
handling requirements of the application. Aluminum
electrolytic and dry tantalum capacitors are both available
in surface mount configurations. New special polymer
surface mount capacitors offer very low ESR also but
have much lower capacitive density per unit volume. In
the case of tantalum, it is critical that the capacitors are
surge tested for use in switching power supplies. Several
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com