Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7130 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC7130
Description  20V 20A Monolithic Buck Converter with Ultralow DCR Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7130 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC7130 Datasheet HTML 16Page - Linear Technology LTC7130 Datasheet HTML 17Page - Linear Technology LTC7130 Datasheet HTML 18Page - Linear Technology LTC7130 Datasheet HTML 19Page - Linear Technology LTC7130 Datasheet HTML 20Page - Linear Technology LTC7130 Datasheet HTML 21Page - Linear Technology LTC7130 Datasheet HTML 22Page - Linear Technology LTC7130 Datasheet HTML 23Page - Linear Technology LTC7130 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTC7130
20
7130fb
For more information www.linear.com/LTC7130
Tables 1 and 2 provide heat sink and thermal conductive
adhesive tape information.
Table 1. Heat Sink Manufacturer (Thermally Conductive
Adhesive Tape Pre-Attached)
HEAT SINK
MANUFACTURER
PART NUMBER
WEBSITE
Cool Innovations
3-040404U
www.coolinnovations.com
Table 2. Thermally Conductive Adhesive Tape Vendor
THERMALLY CONDUCTIVE
ADHESIVE TAPE
MANUFACTURER
PART NUMBER WEBSITE
Chomerics
T411
www.chomerics.com
Inductor Value Calculation
Given the desired input and output voltages, the inductor
value and operating frequency, fOSC, directly determine
the inductor’s peak-to-peak ripple current:
IRIPPLE =
VOUT
VIN
VIN – VOUT
fOSC •L
⎛
⎝
⎜
⎞
⎠
⎟
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors, and output voltage
ripple. Thus, highest efficiency operation is obtained at
low frequency with a small ripple current. Achieving this,
however, requires a large inductor.
It is recommended to choose a ripple current that is about
50% of IOUT(MAX). Note that the largest ripple current oc-
curs at the highest input voltage. To guarantee that ripple
currentdoesnotexceedaspecifiedmaximum,theinductor
should be chosen according to:
L ≈
VIN – VOUT
fOSC •IRIPPLE
•
VOUT
VIN
Inductor Core Selection
Once the inductance value is determined, the type of in-
ductor must be selected. Core loss is independent of core
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
moreturnsofwireandthereforecopperlosseswillincrease.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
CIN and COUT Selection
Incontinuousmode,thesourcecurrentofthetopMOSFET
is a square wave of duty cycle (VOUT)/(VIN). To prevent
large voltage transients, a low ESR capacitor sized for the
APPLICATIONS INFORMATION
Figure 8. Temperature Derating Curve Based on the
DC2341A Demo Board
Figure 9. Temperature Derating Curve Based on the
DC2341A Demo Board
VOUT = 1.5V
VIN = 12V
fSW = 500kHz
DC2341A DEMO BOARD
WITH HEAT SINK
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
5
10
15
20
25
Thermal Derating VIN = 12V
7130 F08
VOUT = 1.5V
fSW = 500kHz
DC2341A DEMO BOARD
WITH HEAT SINK
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
5
10
15
20
25
Thermal Derating VIN = 20V
7130 F09
VIN = 20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com