Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8352ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8352ACPZ-R2
Description  2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8352ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
AD8352
Rev. C | Page 7 of 19
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
9
2
RDP
RGP
RGN
RDN
GND
VOP
VON
GND
AD8352
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD MUST BE
CONNECTED TO GROUND VIA A
LOW IMPEDANCE PATH, BOTH
THERMALLY AND ELECTRICALLY.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RDP
Positive Distortion Adjust.
2
RGP
Positive Gain Adjust.
3
RGN
Negative Gain Adjust.
4
RDN
Negative Distortion Adjust.
5
VIN
Balanced Differential Input. This pin is biased to VCM, typically ac-coupled.
6, 7, 9, 12
GND
Ground. Connect this pin to low impedance GND.
8, 13
VCC
Positive Supply.
10
VON
Balanced Differential Output. This pin is biased to VCM, typically ac-coupled.
11
VOP
Balanced Differential Output. This pin is biased to VCM, typically ac-coupled.
14
VCM
Common-Mode Voltage. A voltage applied to this pin sets the common-mode voltage of the input and output.
Typically decoupled to ground with a 0.1 µF capacitor. With no reference applied, input and output common
mode floats to midsupply (VCC/2).
15
ENB
Enable. Apply positive voltage (1.3 V < ENB < VCC) to activate device.
16
VIP
Balanced Differential Input. This pin is biased to VCM, typically ac-coupled.
EPAD
Exposed Pad. The exposed pad must be connected to ground via a low impedance path, both thermally and
electrically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com