Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8352ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8352ACPZ-R2
Description  2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8352ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2 GHz, Ultralow Distortion,
Differential RF/IF Amplifier
Data Sheet
AD8352
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
−3 dB bandwidth of 2.2 GHz (AV = +10 dB)
Single resistor gain adjust: 3 dB ≤ AV ≤ 25 dB
Single resistor and capacitor distortion adjust
Input resistance: 3 kΩ, independent of gain (AV)
Differential or single-ended input to differential output
Low noise input stage: 2.7 nV/√Hz RTI at AV = 10 dB
Low broadband distortion
10 MHz: −86 dBc HD2, −82 dBc HD3
70 MHz: −84 dBc HD2, −82 dBc HD3
190 MHz: −81 dBc HD2, −87 dBc HD3
OIP3 of 41 dBm at 150 MHz
Slew rate: 8 V/ns
Fast settling and overdrive recovery of <2 ns
Single-supply operation: 3 V to 5.5 V
Low power dissipation: 37 mA typical at 5 V
Power-down capability: 5 mA at 5 V
Fabricated using the high speed XFCB3 SiGe process
APPLICATIONS
Differential ADC drivers
Single-ended-to-differential conversion
RF/IF gain blocks
SAW filter interfacing
FUNCTIONAL BLOCK DIAGRAM
ENB
VCM
VOP
VON
GND
RGP
RDP
RDN
RGN
VIP
VIN
BIAS CELL
VCC
CD
RD
RG
AD8352
+
–
Figure 1.
GENERAL DESCRIPTION
The AD8352 is a high performance differential amplifier
optimized for RF and IF applications. It achieves better than
80 dB SFDR performance at frequencies up to 200 MHz, and
65 dB beyond 500 MHz, making it an ideal driver for high
speed 12-bit to 16-bit analog-to-digital converters (ADCs).
Unlike other wideband differential amplifiers, the AD8352 has
buffers that isolate the gain setting resistor (RG) from the signal
inputs. As a result, the AD8352 maintains a constant 3 kΩ input
resistance for gains of 3 dB to 25 dB, easing matching and input
drive requirements. The AD8352 has a nominal 100 Ω differential
output resistance.
The device is optimized for wideband, low distortion performance
at frequencies beyond 500 MHz. These attributes, together with
its wide gain adjust capability, make this device the amplifier of
choice for general-purpose IF and broadband applications
where low distortion, noise, and power are critical. It is ideally
suited for driving not only ADCs but also mixers, pin diode
attenuators, surface acoustic wave (SAW) filters, and multi-
element discrete devices. The device is available in a compact
3 mm × 3 mm, 16-lead LFCSP and operates over a temperature
range of −40°C to +85°C.
–60
–100
20
220
FREQUENCY (MHz)
–65
–70
–75
–80
–85
–90
–95
44
28
42
40
38
36
34
32
30
40
60
80
100
120
140
160
180
200
Figure 2. Third Harmonic Distortion (HD3) and IP3 vs.
Frequency, Measured Differentially


Similar Part No. - AD8352ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8352ACPZ-R2 AD-AD8352ACPZ-R2 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
More results

Similar Description - AD8352ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8352 AD-AD8352 Datasheet
410Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
1/06-Revision 0
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
9/06-Rev. 0 to Rev. A
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
Low Distortion Differential RF/IF Amplifier
REV. D
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561_17 Datasheet
760Kb / 25P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. G
ADL5562 AD-ADL5562_17 Datasheet
560Kb / 21P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com